Electronic Components Datasheet Search
  English  ▼

X  

DS1WM Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1WM
Description  Synthesizable 1-Wire Bus Master
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1WM Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1WM Datasheet HTML 3Page - Maxim Integrated Products DS1WM Datasheet HTML 4Page - Maxim Integrated Products DS1WM Datasheet HTML 5Page - Maxim Integrated Products DS1WM Datasheet HTML 6Page - Maxim Integrated Products DS1WM Datasheet HTML 7Page - Maxim Integrated Products DS1WM Datasheet HTML 8Page - Maxim Integrated Products DS1WM Datasheet HTML 9Page - Maxim Integrated Products DS1WM Datasheet HTML 10Page - Maxim Integrated Products DS1WM Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DS1WM
7 of 20
OPERATION – TRANSMITTING / RECEIVING DATA
Data sent and received from the 1-Wire master passes through the transmit/receive buffer location. The 1-
Wire master is actually double buffered with separate transmit and receive buffers. Writing to this
location connects the Transmit Buffer to the data bus, while reading connects the Receive Buffer to the
data bus.
Transmit Buffer (Write) / Receive Buffer (Read)
Default: 00h
Addr. 01h
Data7
Data6
Data5
Data4
Data3
Data2
Data1
Data0
MSB
LSB
Writing a byte
To send a byte on the 1-Wire bus, the user writes the desired data to the Transmit Buffer. The data is then
moved to the Transmit Shift Register where it is shifted serially onto the bus LSB first. A new byte of
data can then be written to the Transmit Buffer. As soon as the Transmit Shift Register is empty, the data
will be transferred from the Transmit Buffer and the process repeats. Each of these registers has a flag
that may be used as an interrupt source. The Transmit Buffer Empty (TBE) flag is set when the Transmit
Buffer is empty and ready to accept a new byte. As soon as a byte is written into the Transmit Buffer,
TBE is cleared. The Transmit Shift Register Empty (TEMT) flag is set when the shift register has no data
in it and is ready to accept a new byte. As soon as a byte of data is transferred from the Transmit Buffer,
TEMT is cleared and TBE is set. Remember that proper 1-Wire protocol requires a reset before any bus
communication.
Reading a byte
To read data from a slave device, the device must first be ready to transmit data depending on commands
already received from the CPU. Data is retrieved from the bus in a similar fashion to a write operation.
The host initiates a read by writing to the Transmit Buffer. The data that is then shifted into the Receive
Shift Register is the wired-AND of the written data and the data from the slave device. Therefore in order
to read a byte from a slave device the host must write 0xFFh. When the Receive Shift Register is full the
data is transferred to the Receive Buffer where it can be accessed by the host. Additional bytes can now
be read by sending 0xFFh again. If the slave device is not ready to transmit, the data received will be
identical to that which was transmitted. The Receive Buffer Register can also generate interrupts. The
Receive Buffer flag (RBF) is set when data is transferred from the Receive Shift Register and cleared
when the host reads the register. If RBF is set, no further transmissions should be made on the 1-Wire bus
or else data may be lost, as the byte in the Receive Buffer will be overwritten by the next received byte.
See the timing diagrams for details of the byte reception operation. Generating a 1-Wire reset on the bus
is covered under Command Operations. Interrupt flags are explained in further detail under Interrupt
Operations. Write and read operations are detailed in the timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com