Electronic Components Datasheet Search
  English  ▼

X  

DS1WM Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1WM
Description  Synthesizable 1-Wire Bus Master
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1WM Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1WM Datasheet HTML 4Page - Maxim Integrated Products DS1WM Datasheet HTML 5Page - Maxim Integrated Products DS1WM Datasheet HTML 6Page - Maxim Integrated Products DS1WM Datasheet HTML 7Page - Maxim Integrated Products DS1WM Datasheet HTML 8Page - Maxim Integrated Products DS1WM Datasheet HTML 9Page - Maxim Integrated Products DS1WM Datasheet HTML 10Page - Maxim Integrated Products DS1WM Datasheet HTML 11Page - Maxim Integrated Products DS1WM Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DS1WM
8 of 20
OPERATION – FLAGS AND INTERRUPTS
Flags from current status, transmit, receive, and 1-Wire reset operations are located in the Interrupt
Register. The Presence Detect flag (PD), OW_LOW, and OW_SHORT are cleared when the Interrupt
Register is read. The other flags are cleared automatically when the Transmit and Receive Buffers are
written to or read from. All of these flags can generate an interrupt on the INTR pin if the corresponding
enable bit is set in the Interrupt Enable Register. To clear the INTR signal, the Interrupt Register must be
read. Reading the Interrupt Register always sets the INTR pin inactive even if all flags are not cleared.
Interrupt Register (Read Only)
Default: 0Eh
Addr. 02h
OW_LOW
OW_SHORT
RSRF
RBF
TEMT
TBE
PDR
PD
MSB
LSB
OW_LOW: One Wire Low. This flag will be set to 1 when the 1-Wire line is low while the master is in
idle signaling that a slave device has issued a presence pulse on the 1-Wire (DQ) line. A read to the
Interrupt Register will clear this bit.
OW_SHORT: One Wire Short. This flag will be set to a 1 when the 1-Wire line was low before the
master was able to send out the beginning of a reset or a time slot. When this flag is 0, it indicates that
the 1-Wire line was high as expected prior to all resets and time slots. A read to the Interrupt Register will
clear this bit.
RSRF: Receive Shift Register Full. This flag will be set to 1 when there is a byte of data waiting in the
Receive Shift Register. When this bit is 0, it indicates that the Receive Shift Register is either empty or
currently receiving data. This bit will be cleared by the hardware when data in the Receive Shift Register
is transferred to the Receive Buffer. A read to the Interrupt Register will have no effect on this bit.
RBF: Receive Buffer Full. This flag will be set to 1 when there is a byte of data waiting to be read in the
Receive Buffer. When this bit is 0, it indicates that the Receive Buffer has no new data to be read. This
bit will be cleared when the byte is read from the Receive Buffer. A read to the Interrupt Flag Register
will have no effect on this bit. However, following a read of the Interrupt Register, while Enable Receive
Buffer Full Interrupt (ERBF) is set to 1, if the ERBF is not cleared and the value is not read from the
Receive Buffer, the interrupt will fire again.
TEMT: Transmit Shift Register Empty. This flag will be set to 1 when there is nothing in the Transmit
Shift Register and it is ready to receive the next byte of data to be transmitted from the Transmit Buffer.
When this bit is 0, it indicates that the Transmit Shift Register is busy sending out data. This bit is cleared
when data is transferred from the Transmit Buffer to the Transmit Shift Register. A read to the Interrupt
Register will have no effect on this bit.
TBE: Transmit Buffer Empty. This flag will be set to 1 when there is nothing in the Transmit Buffer and
it is ready to receive the next byte of data. When it is 0, it indicates that the Transmit Buffer is waiting for
the Transmit Shift Register to finish sending its current data before updating it. This bit is cleared when
data is written to the Transmit Buffer. A read to the Interrupt Register will have no effect on this bit.
PDR: Presence Detect Result. When a presence detect interrupt occurs, this bit will reflect the result of
the presence detect read – it will be 0 if a slave was found, or 1 if no part was found. A read to the
Interrupt Register will have no effect on this bit.
PD: Presence Detect. After a 1-Wire Reset has been issued, this flag will be set to 1 after the appropriate
amount of time for a presence detect pulse to have occurred. This flag will be 0 when the master has not
issued a 1-Wire Reset since the previous read of the Interrupt Register. This bit is cleared when the
Interrupt Register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com