| Electronic Components Datasheet Search |
|
DS1WM Datasheet(PDF) 12 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS1WM Datasheet(HTML) 12 Page - Maxim Integrated Products |
|
12 / 20 page ![]() DS1WM 12 of 20 I/0 SIGNALING The 1-Wire bus requires strict signaling protocols to insure data integrity. The four protocols used by the 1-Wire Master are the initialization sequence (Reset Pulse followed by Presence Pulse), Write 0, Write 1, and Read Data. The master initiates all of these types of signaling except the Presence Pulse. The initialization sequence required to begin any communication with the bus slave is shown in Figure 1. A Presence Pulse following a Reset Pulse indicates the slave is ready to accept a ROM Command. The 1-Wire Master transmits a reset pulse for tRSTL. The 1-Wire bus line is then pulled high by the pull- up resistor. After detecting the rising edge on the DQ pin, the slave waits for tPDH and then transmits the Presence Pulse for tPDL. The master samples the bus at tPDS after the slave responds to test for a valid presence pulse or after waiting for tPDHCNT following the start of tRSTH. The result of this sample is stored in the PDR bit of the Interrupt Register. The reset time slot ends tRSTH after the master releases the bus. 1-WIRE INITIALIZATION SEQUENCE (RESET PULSE AND PRESENCE PULSE) Figure 1. WRITE TIME SLOTS A write time slot is initiated when the 1-Wire Master pulls the 1-Wire bus line from a logic high (inactive) level to a logic low level. The master generates a Write 1 time slot by releasing the line at tLOW1 and allowing the line to pull up to a logic high level. The line is held low for tLOW0 to generate a Write 0 time slot. A slave device will sample the 1-Wire bus line between 15 and 60µs after the line falls. If the line is high when sampled, a Write 1 occurs. If the line is low when sampled, a Write 0 occurs (see Figure 2). READ TIME SLOTS A read time slot is initiated when the 1-Wire Master pulls the bus low for at least 1µs and then releases it. If the slave device is responding with a 0 it will continue to hold the line low for up to 60µs, otherwise it will release it immediately. The master will sample the data tRDV from the start of the read time slot. The master will end the read slot after a time of tSLOT. See Figure 2 for more information. LINE TYPE LEGEND: 1-Wire Master active low Slave device active low Resistor pullup Both Master and Slave device active low tRSTL tPDL tRSTH tPDH tPDHCNT VCC GND DQ tPDS |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |