Electronic Components Datasheet Search
  English  ▼

X  

DS1WM Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1WM
Description  Synthesizable 1-Wire Bus Master
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1WM Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1WM Datasheet HTML 7Page - Maxim Integrated Products DS1WM Datasheet HTML 8Page - Maxim Integrated Products DS1WM Datasheet HTML 9Page - Maxim Integrated Products DS1WM Datasheet HTML 10Page - Maxim Integrated Products DS1WM Datasheet HTML 11Page - Maxim Integrated Products DS1WM Datasheet HTML 12Page - Maxim Integrated Products DS1WM Datasheet HTML 13Page - Maxim Integrated Products DS1WM Datasheet HTML 14Page - Maxim Integrated Products DS1WM Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DS1WM
11 of 20
OD: Overdrive. Setting this bit to a 1 will place the master into Overdrive mode that effectively changes
the master’s 1-Wire timings to match those outlined for Overdrive in the Book of iButton Standards.
Clearing this bit to a 0 leaves the master operating in standard mode speed.
BIT_CTL: Bit Control. Setting this bit to a 1 will place the master into its “Bit Banging” mode of
operation. In this mode, only the least significant bit of the Transmit/Receive register would be
sent/received before enabling the interrupt flags that signal the end of the transmission. Clearing this bit
to 0 leaves the master operating in full byte boundaries.
STP_SPLY: Strong Pull-up Supply. Setting this bit to a 1 while STPEN is also set to a 1 will enable the
STPZ output while the master is in an IDLE state. This will provide a stiff supply to devices requiring
high current during operations. Clearing this bit to a 0 disables the STPZ output while the master is in an
IDLE state. The STP_SPLY bit is a don’t care if STPEN is set to a 0.
STPEN: Strong Pull-up Enable. Setting this bit to a 1 enables the strong pull-up output enable (STPZ)
pin’s functionality which allows this output pin to enable an external strong pull-up any time the master is
not pulling the line low or waiting to read a value from a slave device. This functionality is used for
meeting the recovery time requirement in Overdrive mode and long-line standard communications.
Clearing this bit to a 0 will disable the STPZ output pin.
EN_FOW: Enable Force One Wire. Setting this bit to a 1 will enable the functionality of the Force One
Wire (FOW) register bit in the Command Register. Clearing this bit will disable the functionality of the
FOW bit.
PPM: Presence Pulse Masking Mode. Setting this bit to a 1 will enable Presence Pulse Masking Mode.
This mode causes the master to initiate the falling edge of a presence pulse during a 1-Wire Reset before
the fastest slave would initiate one. This enables the master to prevent the larger amount of ringing
caused by the slave devices when initiating a low on the DQ line. If the PPM bit is set, the PDR result bit
in the Interrupt Register will always be set to a 0 showing that a slave device was on the line even if there
were none. Clearing this bit to a 0 disables the Presence Pulse Masking Mode.
LLM: Long Line Mode. Setting this bit to a 1 will enable Long Line Mode timings on the 1-Wire line
during standard mode communications. This mode effectively moves the write one release, the data
sampling, and the time slot recovery times out to roughly 8µs, 22µs, and 14µs respectively. This provides
a less strict environment for long line transmissions. Clearing this bit to 0 leaves the write one release,
the data sampling, and the time slot recovery times at roughly 5µs, 15µs, and 7µs respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com