Electronic Components Datasheet Search
  English  ▼

X  

DS1WM Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # DS1WM
Description  Synthesizable 1-Wire Bus Master
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1WM Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button DS1WM Datasheet HTML 12Page - Maxim Integrated Products DS1WM Datasheet HTML 13Page - Maxim Integrated Products DS1WM Datasheet HTML 14Page - Maxim Integrated Products DS1WM Datasheet HTML 15Page - Maxim Integrated Products DS1WM Datasheet HTML 16Page - Maxim Integrated Products DS1WM Datasheet HTML 17Page - Maxim Integrated Products DS1WM Datasheet HTML 18Page - Maxim Integrated Products DS1WM Datasheet HTML 19Page - Maxim Integrated Products DS1WM Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
DS1WM
18 of 20
REVISION HISTORY
0.1 – June 15, 1999
1. First release
0.2 – July 12, 1999
1. Clarification added that RD and WR should never be low simultaneously; if they are, WR takes
precedence.
2. First draft of search ROM driver code example added in section 6.0.
0.3 – August 17, 1999
1. EN is not latched by ADS ; ADS only controls an internal address latch, which may be made
transparent by tying ADS low. EN is a level-enabled signal, and does not need to be latched.
2. Changed lower clock rate to 3.1 MHz. Updated timing specifications to reflect this.
3. Removed DIVSEL0, DIVSEL1, and DIVSEL2 pins. Clock division selection is now performed by
writing to the Clock Divisor Register; this makes it necessary to add an additional address line, A2,
in order to select this register.
4. The 1-Wire master is now double-buffered for receive and transmit operations; the data register is
no longer a physical register but two registers – the transmit buffer and the receive buffer. These
two buffers are memory mapped to the same location, where a write operation selects the transmit
buffer, and a read selects the receive buffer. Flags TBE, TEMT, RBF, and RSRF are defined to
signal when buffers are empty or full.
5. Setting the 1-Wire reset bit in the command register now automatically disables the Search ROM
accelerator bit.
6. Interrupts are automatically cleared by reading the interrupt register.
7. The result of a presence detect is now reported in the Interrupt Register instead of in the data
register. This allows the PD interrupt service routine to read the result of a presence detect interrupt
when it reads the interrupt register.
8. Changed the way the Interrupt and Interrupt Enable Registers work – it was backward initially. The
Interrupt Register now is more of a status register, whose bits get ANDed with the Interrupt Enable
Register to determine if any of the flags set in that register cause the INTR pin to go active. The
active state of the INTR pin is now programmable; default is HIGH on Master Reset.
9. Removed example code. Will need to be rewritten to comprehend changes made in specification of
the hardware device.
0.4 – August 20, 1999
1. Clarified that Master Reset causes INTR to go to its inactive state. This is further clarified in
section 4.5 by defining the reset state of the Interrupt Enable Register as cleared to all zeros,
masking all interrupt sources and defining the active state of the INTR pin as low. This implies that
INTR will go HIGH upon MR.
2. By restricting the lower clock frequency to 3.2MHz, internal timing can now be between 1µs and
1.25µs.
3. Corrected several grammatical, typographical, and spelling errors.
4. Since the internal clock is the result of different division ratios, the duty cycle may not be 50%.
This is not a problem for the circuit, so all references to high and low times of the internal timebase
have been deleted. The internal clock period is now referred to as
τ, to simplify timing diagrams.
5. Timing diagrams have been updated to reflect changes in nomenclature, and to clarify timing.
6. Note 4 added to timing specification table.
7. Section 6 renamed to “ Applications Hints and Examples”. Notes were added in this section
regarding 1-Wire wave shaping and power management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com