Electronic Components Datasheet Search
  English  ▼

X  

DS1WM Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1WM
Description  Synthesizable 1-Wire Bus Master
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1WM Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1WM Datasheet HTML 1Page - Maxim Integrated Products DS1WM Datasheet HTML 2Page - Maxim Integrated Products DS1WM Datasheet HTML 3Page - Maxim Integrated Products DS1WM Datasheet HTML 4Page - Maxim Integrated Products DS1WM Datasheet HTML 5Page - Maxim Integrated Products DS1WM Datasheet HTML 6Page - Maxim Integrated Products DS1WM Datasheet HTML 7Page - Maxim Integrated Products DS1WM Datasheet HTML 8Page - Maxim Integrated Products DS1WM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DS1WM
5 of 20
For each bit position n (values from 0 to 63) the 1-Wire Master will generate three time slots on the 1-
Wire bus. These are referenced as:
b0
for the first time slot (read data)
b1
for the second time slot (read data) and
b2
for the third time slot (write data).
The 1-Wire Master determines the type of time slot b2 (write 1 or write 0) as follows:
b2
= rn if conflict (as chosen by the host)
= b0 if no conflict (there is no alternative)
= 1 if error (there is no response)
The response bytes that will be in the data register for the CPU to read during a complete pass through a
Search ROM function using the Search Accelerator consists of 16 bytes as follows:
first byte
7
6
5
4
3
2
1
0
r’3
d3
r’2
d2
r’1
d1
r’0
d0
et cetera
16
th byte
7
6
5
4
3
2
1
0
r’63
d63
r’62
d62
r’61
d61
r’60
d60
As before, the index designates the position of the bit in the ROM ID of a 1-Wire device. The character
“d” marks the discrepancy flag in that particular bit position. The discrepancy flag will be 1 if there is a
conflict or no response in that particular bit position and 0 otherwise. The character “r’” marks the
actually chosen path at that particular bit position. The chosen path is identical to b2 for the particular bit
position of the ROM ID.
To perform a Search ROM sequence one starts with all bits rn being 0s. In case of a bus error, all
subsequent response bits r’n are 1’s until the Search Accelerator is deactivated by writing 0 to bit 1 of the
Command register. Thus, if r’63 and d63 are both 1, an error has occurred during the search procedure and
the last sequence has to be repeated. Otherwise r’n (n=0…63) is the ROM code of the device that has
been found and addressed. When the Search ROM process is complete the SRA bit should be cleared in
order to release the 1-Wire Master from Search ROM Accelerator Mode.
For the next Search ROM sequence one re-uses the previous set rn (n=0…63) but sets rm to 1 with “m”
being the index number of the highest discrepancy flag that is 1 and sets all ri to 0 with i > m. This
process is repeated until the highest discrepancy occurs in the same bit position for two consecutive
passes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com