Electronic Components Datasheet Search
  English  ▼

X  

DS1WM Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1WM
Description  Synthesizable 1-Wire Bus Master
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1WM Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1WM Datasheet HTML 1Page - Maxim Integrated Products DS1WM Datasheet HTML 2Page - Maxim Integrated Products DS1WM Datasheet HTML 3Page - Maxim Integrated Products DS1WM Datasheet HTML 4Page - Maxim Integrated Products DS1WM Datasheet HTML 5Page - Maxim Integrated Products DS1WM Datasheet HTML 6Page - Maxim Integrated Products DS1WM Datasheet HTML 7Page - Maxim Integrated Products DS1WM Datasheet HTML 8Page - Maxim Integrated Products DS1WM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS1WM
4 of 20
ROM command see [1]. In addition to these two functions, the Command Register contains two bits to
bypass the 1-Wire Master features and control the 1-Wire bus directly.
Command Register (Read/Write)
Default: 08h
Addr. 00h
X
X
X
X
OW_IN
FOW
SRA
1WR
MSB
LSB
Bit 3 - OW_IN: OW Input. This bit always reflects the current state of the 1-Wire line.
Bit 2 - FOW: Force One Wire. This bit can be used to bypass 1-Wire Master operations and drive the bus
directly if needed. Setting this bit high will drive the bus low until it is cleared or the 1-Wire Master reset.
While the 1-Wire bus is held low no other 1-Wire Master operations will function. By controlling the
length of time this bit is set and the point when the line is sampled, any 1-Wire communication can be
generated by the host controller. To prevent accidental writes to the bus, the EN_FOW bit in the
CONTROL register must be set to a 1 before the FOW bit will function. This bit is cleared to a 0 on
power-up or master reset.
Bit 1 - SRA: Search ROM Accelerator. When this bit is set, the 1-Wire Master will switch to Search
ROM Accelerator mode. (See “Search ROM Accelerator Description” for the rest of the function
description.) When this bit is set to 0, the master will function in its normal mode. This bit is cleared to 0
on a power-up or master reset.
Bit 0 - 1WR: 1-Wire Reset. If this bit is set a reset will be generated on the 1-Wire bus. Setting this bit
automatically clears the SRA bit. The 1WR bit will be automatically cleared as soon as the 1-Wire reset
completes. The 1-Wire Master will set the Presence Detect interrupt flag (PD) when the reset is complete
and sufficient time for a presence detect to occur has passed. The result of the presence detect will be
placed in the interrupt register bit PDR. If a presence detect pulse was received PDR will be cleared,
otherwise it will be set.
Search ROM Accelerator Description
The Search ROM Accelerator Mode presupposes that a Reset followed by the Search ROM command
(0xF0h) has already been issued on the 1-Wire bus. For details on how the Search ROM is actually done
in the 1-Wire system, please see [1]. Simply put, the algorithm specifies that the bus master reads two bits
(a bit and its complement), then writes a bit to specify which devices should remain on the bus for further
processing.
After the 1-Wire Master is placed in Search ROM Accelerator mode, the CPU must send 16 bytes to
complete a single Search ROM pass on the 1-Wire bus. These bytes are constructed as follows:
First byte
7
6
5
4
3
2
1
0
r3
x3
r2
x2
r1
x1
r0
x0
16
th byte
7
6
5
4
3
2
1
0
r63
x63
r62
x62
r61
x61
r60
x60
In this scheme, the index (values from 0 to 63, “n”) designates the position of the bit in the ROM ID of a
1-Wire device. The character “x” marks bits that act as a filler and do not require a specific value (don’t
care bits). The character “r” specifies the selected bit value to write at that particular bit in case of a
conflict during the execution of the ROM search.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com