Electronic Components Datasheet Search
  English  ▼

X  

DS1WM Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1WM
Description  Synthesizable 1-Wire Bus Master
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1WM Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1WM Datasheet HTML 5Page - Maxim Integrated Products DS1WM Datasheet HTML 6Page - Maxim Integrated Products DS1WM Datasheet HTML 7Page - Maxim Integrated Products DS1WM Datasheet HTML 8Page - Maxim Integrated Products DS1WM Datasheet HTML 9Page - Maxim Integrated Products DS1WM Datasheet HTML 10Page - Maxim Integrated Products DS1WM Datasheet HTML 11Page - Maxim Integrated Products DS1WM Datasheet HTML 12Page - Maxim Integrated Products DS1WM Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DS1WM
9 of 20
OPERATION – FLAGS AND INTERRUPTS (continued)
The Interrupt Enable Register allows the system programmer to specify the source of interrupts which
will cause the INTR pin to be active, and to define the active state for the INTR pin. When a Master Reset
is received all bits in this register are cleared to 0 disabling all interrupt sources and setting the active
state of the INTR pin to LOW. This means the INTR pin will be pulled high since all interrupts are
disabled. The INTR pin is reset to an inactive state by reading the Interrupt Register.
Interrupt Enable Register (Read / Write)
Default: 00h
Addr. 03h
EOWL
EOWSH
ERSF
ERBF
ETMT
ETBE
IAS
EPD
MSB
LSB
EOWL: Enable One Wire Low Interrupt. Setting this bit to a 1 enables the One Wire Low Interrupt. If
set, INTR will be asserted when the OW_LOW flag is set. Clearing this bit disables OW_LOW as an
active interrupt source.
EOWSH: Enable One Wire Short Interrupt. Setting this bit to a 1 enables the One Wire Short Interrupt.
If set, INTR will be asserted when the OW_SHORT flag is set. Clearing this bit disables OW_SHORT as
an active interrupt source.
ERSF: Enable Receive Shift Register Full Interrupt. Setting this bit to a 1 enables the Receive Shift
Register Full Interrupt. If set, INTR will be asserted when the RSRF flag is set. Clearing this bit disables
RSRF as an active interrupt source.
ERBF: Enable Receive Buffer Full Interrupt. Setting this bit to a 1 enables the Receive Buffer Full
Interrupt. If set, INTR will be asserted when the RBF flag is set. Clearing this bit disables RBF as an
active interrupt source.
ETMT: Enable Transmit Shift Register Empty Interrupt. Setting this bit to a 1 enables the Transmit Shift
Register Empty Interrupt. If set, INTR will be asserted when the TEMT flag is set. Clearing this bit
disables TEMT as an active interrupt source.
ETBE: Enable Transmit Buffer Empty Interrupt. Setting this bit to a 1 enables the Transmit Buffer
Empty Interrupt. If set, INTR will be asserted when the TBE flag is set. Clearing this bit disables TBE as
an active interrupt source.
IAS: INTR Active State. This bit determines the active state for the INTR pin. If this bit is a 1, the INTR
pin is active high; if it is a 0, the INTR pin is active low.
EPD: Enable Presence Detect Interrupt. Setting this bit to a 1 enables the Presence Detect Interrupt. If set,
INTR will be asserted when the PD flag is set. Clearing this bit disables PD as an active interrupt source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com