Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 338 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 338 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 334Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 335Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 336Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 337Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 338Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 339Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 340Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 341Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 342Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 410 page
background image
Page 324
21. Flash Memory
21.4 Toggle Bit (D6)
TMP89FS60
RA003
21.5.2.2 How to write to the flash memory by using a support program (API) of BOOTROM
This section describes how to perform an erase and a write on the flash memory by using a support pro-
gram (API) of BOOTROM in MCU mode.
Note: Do not allocate the above program to 0x1000 through 0x17FF in the code area in the flash memory. If
this area is set to BAREA="1", it changes from the flash memory area to the BOOTROM area so that
the program will not function properly and the microcontroller may malfunction.
Example: Case in which a sector erase is performed on 0xE000 through 0xEFFF in the data area, and then data at
0x0100 through 0x01FF is written to 0xE000 through 0xE0FF in the data area.
.BTWrite
equ 0x1010
; Write data to the flash memory
.BTEraseSec
equ 0x1012
; Sector Erase
.BTEraseChip equ 0x1014
; Chip Erase
.BTGetRP
equ 0x1016
; Check the status of the security program
.BTSetRP
equ 0x1018
; Configure the security program
main section code abs = 0xF000
; Initial setting
LD
(FLSCR1),0x50
; Set BAREA to "1" (note)
LD
(FLSCR2),0xD5
; Reflect the FLSCR1 setting
; Sector erase process (API)
LD
A,0x0E
; Specify the area to be erased (0xE000 through 0xEFFF)
LD
C,0xD5
; Enable Code
CALL
(.BTEraseSec)
; Execute sector erase
; Write process
LD
HL,0xE000
; Flash start address (address where data is written)
LD
IY,0x0100
; RAM start address
sLOOP1:
LD
C,0x00
; Address where data is written (bit 16)
LD
WA,HL
; Address where data is written (bits 15 to 0)
LD
E,(IY)
; Data to be written
LD
(SP-),0xD5
; Enable Code
CALL
(.BTWrite)
; Write data to the flash memory (1 byte)
INC
IY
; Increment flash address
INC
HL
; Increment RAM address
CMP
L,0x00
; Finish 256-byte write?
J
NZ,sLOOP1
; Return to sLOOP1 if the number of bytes is less than 256
; End process
LD
(FLSCR1),0x40
; Set BAREA to "0"
LD
(FLSCR2),0xD5
Example:
Whether the security program is enabled or disabled is checked. If it is disabled, it is enabled.
.BTWrite
equ 0x1010
; Write data to the flash memory
.BTEraseSec
equ 0x1012
; Sector Erase
.BTEraseChip equ 0x1014
; Chip Erase
.BTGetRP
equ 0x1016
; Check the status of the security program
.BTSetRP
equ 0x1018
; Enable the security program
main section code abs = 0xF000
; Initial setting
LD
(FLSCR1),0x50
; Set BAREA to "1" (note 2)
LD
(FLSCR2),0xD5
; Reflect the FLSCR1 setting
; Check the status of the security program
LD
A,0xD5
; Enable Code
LD
C,0x00
; Set 0x00 (note 1)
CALL
(.BTGetRP)
; Check the status of the security program
CMP
A,0xFF
J
NZ,sSKIP
; Go to sSKIP if the security program is enabled
; Security program enable process (API)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com