Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 342 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 342 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 338Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 339Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 340Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 341Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 342Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 343Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 344Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 345Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 346Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 410 page
background image
Page 328
22. Serial PROM Mode
22.3 Serial PROM Mode Setting
TMP89FS60
RA002
22.3 Serial PROM Mode Setting
22.3.1 Serial PROM mode control pins
To execute on-board programming, activate the serial PROM mode. Table 22-2 shows the pin setting used to
activate the serial PROM mode.
Note: Before you activate the serial PROM mode, you must set the RXD0/SI0/P21 and TXD0/SO0/P20 pins to high (H) level by
using a pull-up resistor.
Note 1: If other parts are mounted on a user board, they may interfere with data being communicated through these communica-
tion pins during on-board programming. It is recommended that these parts be somehow isolated to prevent the pins from
being affected.
Table 22-2 Serial PROM Mode Setting
Pin
Setting
RXD0 / SI0 / P21 pin
H level
TXD0 / SO0 / P20 pin
H level
MODE, RESET pin
Table 22-3 Pin Functions in Serial PROM Mode
Pin name
(in serial PROM mode)
Input/out-
put
Function
Pin name (in MCU mode)
TXD0 / SO0
Output
Serial PROM mode control/serial data output
(See note 1)
TXD0 / SO0 / P20
RXD0 / SI0
Input
Serial PROM mode control/serial data input
RXD0 / SI0 / P21
RESET
Input
Serial PROM mode control
RESET
MODE
Input
Serial PROM mode control
MODE
SCLK0
Input
Serial clock input (if SIO is used)
These ports are in the high-impedance state in the
serial PROM mode. If the UART is used, the port input
is physically fixed to a specified input level in order to
prevent a penetration current. To enable the port input,
the SPCR<PIN1> must be set to "1" by operating the
RAM loader control program.
SCLK0
VDD
Power
supply
4.5 V to 5.5 V
AVDD
Power
supply
Connect to VDD.
VSS
Power
supply
0 V
AVSS
Power
supply
Connect to VSS.
VAREF
Power
supply
Leave open or apply reference voltage.
Input/output port other than
RXD0 and TXD0
Input/out-
put
These ports are in the high-impedance state in the serial PROM mode. The port input is physically
fixed to a specified input level in order to prevent a penetration current (the port input is disabled). To
enable the port input, the SPCR<PIN0> must be set to "1" by operating the RAM loader control pro-
gram.
XIN
Input
Connect a resonator to make these pins self-oscillate.
XOUT
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com