Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 344 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 344 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 340Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 341Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 342Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 343Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 344Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 345Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 346Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 347Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 348Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 410 page
background image
Page 330
22. Serial PROM Mode
22.4 Example Connection for On-board Writing
TMP89FS60
RA002
22.4 Example Connection for On-board Writing
Figure 22-2 shows example connections to perform on-board writing.
Figure 22-2 Example Connections for On-board Writing
Note 1: If other parts on a target board interfere with the UART communication in serial PROM mode, disconnect these
pins by using a jumper or switch.
Note 2: If the reset control circuit on a target board interferes with the startup of serial PROM mode, disconnect the circuit
by using a jumper, etc.
Note 3: For information on other pin settings, refer to "Table 22-3 Pin Functions in Serial PROM Mode".
VDD
If UART is used
Serial PROM mode
MCU mode
VDD
MODE
RXD0 (P21)
TXD0 (P20)
RESET
PC control
Pull-up resistors
Level
converter
XIN
XOUT
VSS
GND
External control board
Target board
RC power-on
reset circuit
RESET
control
Other
parts
(Note 1)
(Note 2)
VDD
If SIO is used
Serial PROM mode
MCU mode
VDD
MODE
SI0 (P21)
SO0 (P20)
RESET
Pull-up resistors
Microcomputer,
etc.
XIN
XOUT
VSS
GND
External control board
Target board
RC power-on
reset circuit
RESET
control
Other
parts
(Note 1)
(Note 2)
SCLK0 (P22)
TMP89FS60
TMP89FS60
(4.5 V to 5.5 V)
(4.5 V to 5.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com