Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 348 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 348 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 344Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 345Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 346Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 347Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 348Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 349Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 350Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 351Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 352Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 410 page
background image
Page 334
22. Serial PROM Mode
22.7 Memory Mapping
TMP89FS60
RA002
22.7 Memory Mapping
Figure 22-3 shows memory maps in serial PROM and MCU modes.
In serial PROM mode, the BOOTROM (mask ROM) is mapped to the 0x1000 through 0x17FF in the data area
and 0x1000 through 0x1FFF in the code area respectively.
To write data to or erase data from flash memory by using the RAM loader command (hereafter called the 0x60
command) and an original program, data write or erase operations must be performed while switching between areas
by using the flash memory control registers (FLSCR1 and 2). For information on how to specify addresses, refer to
Flash Memory.
When the command to write data to flash memory (hereafter called the 0x30 command) or the command to erase
data from flash memory (hereafter called the 0xF0 command) is executed, BOOTROM automatically converts
addresses. Therefore, as the address of flash memory, specify an address equivalent to that specified in MCU mode
(if FLSCR1<BAREA>="0"), namely, 0x1000 through 0xFFFF.
Figure 22-3 Memory Mapping
22.8 Operation Commands
In serial PROM mode, the commands shown in Table 22-5 are used. After a reset is released, the TMP89FS60
goes into a standby state and awaits the arrival of matching data 1 (0x86 or 0x30).
0xFFFF
0x1000
0x0000
0xFFFF
0x1000
0x0000
Data area
If FLSCR1<BAREA>=”0”
(MCU mode)
Code area
0x003F
0x0040
0xFFFF
Data area
If FLSCR1<BAREA>=”1”
(MCU mode)
Code area
0x003F
0x0000
0x0040
0x1800
0x17FF
0x1000
0xFFFF
0x0000
0x1800
0x17FF
0x1000
0xFFFF
0x003F
0x0000
0x0040
0x1800
0x17FF
0x1000
0xFFFF
0x0000
0x2000
0x1FFF
0x1000
BOOTROM
(2048 bytes)
BOOTROM
(2048 bytes)
BOOTROM
(2048 bytes)
BOOTROM
(4096 bytes)
FLASH
SFR
RAM
RAM
SFR
SFR
FLASH
FLASH
FLASH
FLASH
FLASH
RAM
If serial PROM mode
Data area
Code area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com