Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 349 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 349 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 345Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 346Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 347Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 348Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 349Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 350Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 351Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 352Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 353Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 410 page
background image
Page 335
TMP89FS60
RA002
Each command is outlined below. For detailed information on how each command works, refer to 22.8.1 and sub-
sequent sections.
1. Flash memory erase command
Either Chip Erase (total erase of flash memory) or Sector Erase (erase of flash memory in 4K-byte
units) can be used to erase the data in flash memory. Data in the erased area is 0xFF. If the security pro-
gram is enabled or if the option code EPFC_OP is 0xFF, the flash erase command of Sector Erase cannot
be executed.
To disable the security program setting, execute the flash erase command of Chip Erase. Before erasing
the data in flash memory, the TMP89FS60 performs password authentication except where a product is a
blank product or EPFC_OP is 0xFF. If a password is not authenticated, the flash memory erase command
is not executed.
2. Flash memory write command
Data can be written in single-byte units to a specified address in flash memory. Provision the external
controller so that it transmits data to write as binary data in the Intel Hex format. If errors do not occur
until the end record is reached, the TMP89FS60 calculates checksums in the entire flash memory area
(0x1000 through 0xFFFF), and returns the calculation results. If the security program is enabled, the flash
memory write command cannot be executed. In this case, execute Chip Erase beforehand by using the
flash memory erase command. Before executing the flash memory write command, the TMP89FS60 per-
forms password authentication except where a product is a blank product. If a password is not authenti-
cated, the flash memory write command is not executed.
3. Flash memory read command
Data can be read from a specified address in flash memory in single-byte units. Provision the external
controller so that it transmits the address in memory where a read starts, as well as the number of bytes.
After outputting the number of data equal to the number of bytes, the TMP89FS60 calculates the check-
sums of the output data, and returns the calculation results. If the security program is enabled, the flash
memory read command cannot be executed. In this case, execute Chip Erase beforehand by using the
flash memory erase command. Before executing the flash memory read command, the TMP89FS60 per-
forms password authentication except where a product is blank. If a password is not authenticated, the
flash memory read command is not executed.
Table 22-5 Operation Command in Serial PROM Mode
Command data
Operation command
Description
0x86 or 0x30
Setup
(matching data 1, 2)
After a reset is released, the serial PROM mode always starts operation with this
command.
If matching data 1 is 0x86, communication starts in the UART format. If matching
data 1 is 0x30, communication starts in the SIO format.
0xF0
Flash memory erase
Data in the flash memory area (address 0x1000 through 0xFFFF) can be erased.
0x30
Flash memory write
Data can be written to the flash memory area (address 0x1000 through 0xFFFF).
0x40
Flash memory read
Data can be read from the flash memory area (address 0x1000 through 0xFFFF).
0x60
RAM loader
Data can be written to a specified RAM area (address 0x0060 through 0x0C3F).
0x90
Flash memory SUM output
0xFF check data and 2-byte checksums of the entire flash memory area (address
0x1000 through 0xFFFF) are output in descending order (from upper to lower
bytes).
0xC0
Product ID code output
Product ID codes are output.
0xC3
Flash memory status output
The security program status and other status codes are output.
0xD0
Mask ROM emulation setting
Flash products of 124K or 96Kbytes can be provisioned to emulate a small-
capacity mask ROM product.
0xFA
Flash memory security setting
The security program setting is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com