Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 351 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 351 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 347Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 348Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 349Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 350Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 351Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 352Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 353Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 354Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 355Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 410 page
background image
Page 337
TMP89FS60
RA002
22.8.1 Flash memory erase command (0xF0)
Table 22-6 shows the flash memory erase commands.
Note 1: "0x**
× 3" means that the device goes into an idle state after transmitting 3 bytes of 0x**.
Note 2: For information on the erase area specification, refer to "22.8.1.1 Specifying the erase area". For information on check-
sums, refer to "22.10 Checksum (SUM)". For information on passwords, refer to "22.12.1 Passwords".
Note 3: Do not transmit a password string if 0xFFFA of a flash memory is 0xFF, or blank product. (However, the password count
storage address and the password comparison start address must be transmitted.)
Note 4: If a value less than 0x20 is transmitted at the n-th - 2 byte (execution of Sector Erase) and if 0xFFFA of flash memory is
0xFF, the TMP89FS60 goes into an idle state.
Note 5: When a password error occurs, the TMP89FS60 stops communication and goes into an idle state. Therefore, when a
password error occurs, initialize the TMP89FS60 by using the RESET pin, and restart the serial PROM mode.
Note 6: If a communication error occurs during the transfer of a password address or a password string, the TMP89FS60 stops
communication and goes into an idle state. Therefore, when a password error occurs, initialize the TMP89FS60 by using
the RESET pin, and restart the serial PROM mode.
Table 22-6 Flash Memory Erase Commands
Transfer byte
Transfer data from the external controller to
TMP89FS60
Baud rate
Transfer data from TMP89FS60 to the
external controller
BOOT
ROM
1st byte
2nd byte
Matching data 1 (0x86 or 0x30)
-
Automatic adjustment
Baud rate after adjustment
- (Automatic baud rate adjustment)
OK: Echo back data (0x86 or 0x30)
Error: No data transmitted
3rd byte
4th byte
Matching data 2 (0x79 or 0xCF)
-
Baud rate after adjustment
Baud rate after adjustment
-
OK: Echo back data (0x79 or 0xCF)
Error: No data transmitted
5th byte
6th byte
Operation command data (0xF0)
-
Baud rate after adjustment
Baud rate after adjustment
-
OK: Echo back data (0xF0)
Error: 0xA1
× 3, 0xA3 × 3, 0x63 × 3 (note 1)
7th byte
8th byte
Password count storage address bit 23 to 16
Baud rate after adjustment
Baud rate after adjustment
-
OK: No data transmitted
Error: No data transmitted
9th byte
10th byte
Password count storage address bit 15 to 08
Baud rate after adjustment
Baud rate after adjustment
-
OK: No data transmitted
Error: No data transmitted
11th byte
12th byte
Password count storage address bit 07 to 00
Baud rate after adjustment
Baud rate after adjustment
-
OK: No data transmitted
Error: No data transmitted
13th byte
14th byte
Password comparison start address bit 23 to 16
Baud rate after adjustment
Baud rate after adjustment
-
OK: No data transmitted
Error: No data transmitted
15th byte
16th byte
Password comparison start address bit 15 to 08
Baud rate after adjustment
Baud rate after adjustment
-
OK: No data transmitted
Error: No data transmitted
17th byte
18th byte
Password comparison start address bit 07 to 00
Baud rate after adjustment
Baud rate after adjustment
-
OK: No data transmitted
Error: No data transmitted
19th byte
:
m-th byte
Password string
-
Baud rate after adjustment
Baud rate after adjustment
-
OK: No data transmitted
Error: No data transmitted
n-th - 2 byte
Erase area specification
Baud rate after adjustment
-
n-th - 1 byte
-
Baud rate after adjustment
OK: Checksum (upper byte) (note 3)
Error: No data transmitted
n-th byte
-
Baud rate after adjustment
OK: Checksum (lower byte) (note 3)
Error: No data transmitted
n-th + 1 byte
(Wait for the next operation command data)
Baud rate after adjustment
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com