Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 350 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 350 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 346Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 347Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 348Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 349Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 350Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 351Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 352Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 353Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 354Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 410 page
background image
Page 336
22. Serial PROM Mode
22.8 Operation Commands
TMP89FS60
RA002
4. RAM loader command
The RAM loader transfers the Intel Hex format data sent by the external controller to the built-in RAM.
If it completes the data transfer normally, it calculates the checksums, transmits the calculation results,
jumps to the RAM address specified by the first data record, and starts to execute the user program. If the
security program is enabled, the RAM loader command is not executed. In this case, execute Chip Erase
beforehand by using the flash memory erase command. Before executing the RAM loader command, the
TMP89FS60 performs password authentication except where a product is blank. If a password is not
authenticated, the RAM loader command is not executed.
5. Flash memory SUM output command
Checksums in the entire flash memory area (0x1000 through 0xFFFF) are calculated, and the calcula-
tion results are returned.
6. Product ID code output code
This is a code output used to identify a product. The output code consists of information on the ROM
area and on the RAM area respectively. The external controller reads this code to identify the product to
which data is to be written.
7. Flash memory status output code
The status of 0xFFE0 through 0xFFFF and that of the security program are output. The external control-
ler reads this code to identify the status of flash memory.
8. Mask ROM emulation setting command
9. Flash memory security setting command
This command is used to prohibit the reading of data in flash memory in parallel mode. In serial PROM
mode, the flash memory write command and RAM loader command are prohibited. To disable the flash
memory security program, execute Chip Erase by using the flash memory erase command.
This command is nonfunctional in the TMP89FS60. It becomes functional if used for a product with
flash memory of more than 96Kbytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com