Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 346 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 346 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 342Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 343Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 344Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 345Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 346Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 347Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 348Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 349Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 350Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 410 page
background image
Page 332
22. Serial PROM Mode
22.6 Interface Specifications
TMP89FS60
RA002
22.6 Interface Specifications
The serial PROM mode supports two communication methods: UART and SIO. The communication method is
selected based on the first serial data value received after a reset.
To execute an on-board program, the communication format of the external controller (personal computer, micro-
controller, etc.) must be set as described below.
22.6.1 SIO communication
- Transfer rate: 250 kbps (Max.)
- Data length: 8 bits
- Slave (external clock)
- Hardware flow control (SO0 pin)
If the TMP89FS60 receives serial data "0x30" after a reset, it starts the SIO communication.
In the SIO communication, the TMP89FS60 functions as a slave device. Therefore, the external controller
must supply the TMP89FS60 with a serial clock (SCLK0 pin) for synchronization.
If the TMP89FS60 is not outputting serial data, it controls the hardware flow by using the SO0 pin. If inter-
nal data processing is not completed yet, though data has been received, the SO0 pin outputs the L level. If
internal data processing has progressed to a near-completion state or if it has been completed, the SO0 pin out-
puts the H level. The external controller must check the status of the SO0 pin before it starts to supply a serial
clock.
For information on the communication timings of each operation command, refer to " 1.11 AC Characteris-
tics (SIO) ".
22.6.2 UART communication
- Baud rate: 9600 to 128000 bps (automatic detection)
- Data length: 8 bits (LSB first)
- Parity bit: None
- STOP bit: 1 bit
If the TMP89FS60 receives serial data "0x86" after a reset, it starts the UART communication. It also mea-
sures the pulse width of the received data (0x86), and automatically establishes the reference baud rate. In all
subsequent data communication transactions, this reference baud rate is used. For information on the commu-
nication timings of each operation command, refer to "22.14 AC Characteristics (UART)".
Usable baud rates differ depending on the operating frequency and are shown in Table 22-4. However, there
is the possibility of data communication not working properly, even if a baud rate shown in Table 22-4 is used,
because data communication is affected by frequency errors of a resonator of the external controller (personal
computer, etc.), the load capacity of a communication pin, and various other factors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com