Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 352 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 352 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 348Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 349Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 350Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 351Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 352Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 353Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 354Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 355Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 356Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 410 page
background image
Page 338
22. Serial PROM Mode
22.8 Operation Commands
TMP89FS60
RA002
22.8.1.1 Specifying the erase area
The flash memory erase command is used to specify an area in flash memory to be erased at n-th-2 byte;
specifically, ERASEC is used to specify the address of an area to be erased.
If data of less than 0x20 is specified, Sector Erase (erasing flash memory in 4K-byte units) is executed..
Executing Sector Erase with 0xFFFA memory set to "0xFF" or with the security program enabled will
cause the device to go into an infinite loop state.
If data of more than 0x20 is specified, Chip Erase (total erasure of flash memory) is executed, and the
security program in flash memory is disabled. Therefore, to disable the security program in flash memory,
execute Chip Erase, not Sector Erase.
Erase area specification data (data at n-th-2 bytes)
765
43210
ERASEC
ERASEC
Erase area start address
0x00
Reserved
0x01
0x1000 - 0x1FFF
0x02
0x2000 - 0x2FFF
0x03
0x3000 - 0x3FFF
0x04
0x4000 - 0x4FFF
0x05
0x5000 - 0x5FFF
0x06
0x6000 - 0x6FFF
0x07
0x7000 - 0x7FFF
0x08
0x8000 - 0x8FFF
0x09
0x9000 - 0x9FFF
0x0A
0xA000 - 0xAFFF
0x0B
0xB000 - 0xBFFF
0x0C
0xC000 - 0xCFFF
0x0D
0xD000 - 0xDFFF
0x0E
0xE000 - 0xEFFF
0x0F
0xF000 - 0xFFFF
0x10
Reserved
0x11
Reserved
0x12
Reserved
0x13
Reserved
0x14
Reserved
0x15
Reserved
0x16
Reserved
0x17
Reserved
0x18
Reserved
0x19
Reserved
0x1A
Reserved
0x1B
Reserved
0x1C
Reserved
0x1D
Reserved
0x1E
Reserved
0x1F
Reserved
0x20 or more
Chip Erase (erasure of the entire area)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com