Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 355 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 355 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 351Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 352Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 353Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 354Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 355Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 356Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 357Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 358Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 359Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 410 page
background image
Page 341
TMP89FS60
RA002
Therefore, if a password error occurs, initialize the TMP89FS60 by using the RESET pin, and restart the serial PROM
mode.
Note 4: If the security program is enabled in flash memory or if a password error occurs, the TMP89FS60 stops communication,
and goes into an idle state. Therefore, if a password error occurs, initialize the TMP89FS60 by using the RESET pin, and
restart the serial PROM mode.
Note 5: If a communication error occurs during the transfer of a password address or a password string, the TMP89FS60 stops
communication and goes into an idle state. Therefore, when a password error occurs, initialize the TMP89FS60 by using
the RESET pin, and restart the serial PROM mode.
Note 6: If all data in flash memory are the same data, make sure that you never write data to the address 0xFFE0 through
0xFFFF. If data is written to this address, a password error occurs, and the subsequent operations cannot be performed.
Note 7: The n-th-2 byte is a flag for detecting an overwrite. If memory contents at an address where data is to be written are other
than 0xFF, the n-th-2 byte is 0xAA (data is not written to this address, and the data write routine is skipped). The check-
sum at the n-th-1 byte or n-th byte is calculated based on data in which data in memory areas where data was not written
are included. Therefore, if an overwrite is detected, the checksum of transmitted data does not match that at the n-th-1
byte or n-th byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com