Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 357 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 357 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 353Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 354Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 355Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 356Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 357Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 358Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 359Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 360Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 361Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 410 page
background image
Page 343
TMP89FS60
RA002
Note 1: "0x**
× 3" means that the device goes into an idle state after transmitting 3 bytes of 0x**. For further information, refer to
Table 22-18.
Note 2: For information on checksums, refer to "22.10 Checksum (SUM)". For information on passwords, refer to "22.12.1 Pass-
words".
Note 3: If the area 0xFFE0 through 0xFFFF is all 0xFF, password authentication is not performed and, therefore, the password
string need not be transmitted. The password count storage address and password comparison start address, however,
must be specified, even for a blank product. If the password count storage address and/or password comparison start
address are/is incorrect, a password error occurs; the TMP89FS60 stops communication and goes into an idle state.
Therefore, if a password error occurs, initialize the TMP89FS60 by using the RESET pin, and restart the serial PROM
mode.
Note 4: If the security program is enabled in flash memory or if a password error occurs, the TMP89FS60 stops communication,
and goes into an idle state. Therefore, if a password error occurs, initialize the TMP89FS60 by using the RESET pin, and
restart the serial PROM mode.
Note 5: If a communication error occurs during the transfer of a password address or a password string, the TMP89FS60 stops
communication and goes into an idle state. Therefore, when a password error occurs, initialize the TMP89FS60 by using
the RESET pin, and restart the serial PROM mode.
Note 6: If the number of bytes received at the m-th + 7 byte, m-th + 9 byte or m-th + 11 byte is more than 0x000000 or the size of
internal memory, the TMP89FS60 stops communication and goes into an idle state.
Table 22-9 Transfer Formats of the Flash Memory Read Command
Transfer byte
Transfer data from the external controller to
TMP89FS60
Baud rate
Transfer data from TMP89FS60 to the
external controller
BOOT
ROM
m-th + 13 byte
:
n-th - 2 byte
Baud rate after adjustment
Baud rate after adjustment
Memory data
Memory data
n-th - 1 byte
-
Baud rate after adjustment
OK: Checksum (high)
Error: No data transmitted
n-th byte
-
Baud rate after adjustment
OK: Checksum (low)
Error: No data transmitted
n-th + 1 byte
(Wait for the next operation command data)
Baud rate after adjustment
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com