Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 360 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 360 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 356Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 357Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 358Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 359Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 360Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 361Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 362Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 363Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 364Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 410 page
background image
Page 346
22. Serial PROM Mode
22.8 Operation Commands
TMP89FS60
RA002
22.8.5 Flash memory SUM output command (operation command: 0x90)
Table 22-11 shows the transfer formats of the flash memory SUM output command.
Note 1: "0x**
× 3" means that the device goes into an idle state after transmitting 3 bytes of 0x**. For further information, refer to
Table 22-18.
Note 2: For information on checksums, refer to "22.10 Checksum (SUM)".
Note 3: If data to be included in the checksum are all 0xFF, the 7th byte becomes 0xAA. If any one piece of data to be included in
the checksum is other than 0xFF, the 7th byte becomes 0x55.
Table 22-11 Transfer Formats of the Flash Memory SUM Output Command
Transfer byte
Transfer data from the external controller to
TMP89FS60
Baud rate
Transfer data from TMP89FS60 to the
external controller
BOOT
ROM
1st byte
2nd byte
Matching data 1 (0x86 or 0x30)
-
Automatic adjustment
Baud rate after adjustment
- (Automatic baud rate adjustment)
OK: Echo back data (0x86 or 0x30)
Error: No data transmitted
3rd byte
4th byte
Matching data 2 (0x79 or 0xCF)
-
Baud rate after adjustment
Baud rate after adjustment
-
OK: Echo back data (0x79 or 0xCF)
Error: No data transmitted
5th byte
6th byte
Operation command data (0x90)
-
Baud rate after adjustment
Baud rate after adjustment
-
OK: No data transmitted (0x90)
Error: 0xA1
× 3, 0xA3 × 3, 0x63 × 3 (note 1)
7th byte
-
Baud rate after adjustment
0x55 : -
0xAA: All data are 0xFF.
8th byte
-
Baud rate after adjustment
OK: Checksum (high) (note 2)
Error: No data transmitted
9th byte
-
Baud rate after adjustment
OK: Checksum (low) (note 2)
Error: No data transmitted
10th byte
(Wait for the next operation command data)
Baud rate after adjustment
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com