Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 363 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 363 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 359Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 360Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 361Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 362Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 363Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 364Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 365Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 366Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 367Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 410 page
background image
Page 349
TMP89FS60
RA002
22.8.7 Flash memory status output command (0xC3)
Table 22-14 shows the flash memory status output commands.
Note 1: "xxH
× 3" means that the device goes into an idle state after transmitting 3 bytes of xxH.
Note 2: For detailed information on the status code 1, refer to "22.8.7.1 Flash memory status code".
Table 22-14 Flash Memory Status Output Commands
Transfer byte
Transfer data from the external controller to
TMP89FS60
Baud rate
Transfer data from TMP89FS60 to the exter-
nal controller
BOOT
ROM
1st byte
2nd byte
Matching data 1 (0x86 or 0x30)
-
Automatic adjustment
Baud rate after adjustment
-(Automatic baud rate adjustment)
OK: Echo back data (0x86 or 0x30)
Error: No data transmitted
3rd byte
4th byte
Matching data 2 (0x79 or 0xCF)
-
Baud rate after adjustment
Baud rate after adjustment
-
OK: Echo back data (0x79 or 0xCF)
Error: No data transmitted
5th byte
6th byte
Operation command data (0xC3)
-
Baud rate after adjustment
Baud rate after adjustment
-
OK: Echo back data (0xC3)
Error: 0xA1
× 3, 0xA3 × 3, 0x63 × 3 (note 1)
7th byte
Baud rate after adjustment
0x3A
Start mark
8th byte
Baud rate after adjustment
0x04
Byte count
(from 9th through 12th bytes)
9th byte
Baud rate after adjustment
0x00 to 0x7F
Status code 1
10th byte
Baud rate after adjustment
0x00
Reserved
11th byte
Baud rate after adjustment
0x00
Reserved
12th byte
Baud rate after adjustment
0x00
Reserved
13th byte
Baud rate after adjustment
Checksum
(complement of 2 of the sum total from 9th
through 12th bytes)
14th byte
(Wait for the next operation command data)
Baud rate after adjustment
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com