Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 366 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 366 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 362Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 363Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 364Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 365Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 366Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 367Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 368Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 369Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 370Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 410 page
background image
Page 352
22. Serial PROM Mode
22.8 Operation Commands
TMP89FS60
RA002
22.8.8 Mask ROM emulation setting command (0xD0)
Table 22-16 shows the mask ROM emulation setting command.
This command is nonfunctional in the TMP89FS60. It becomes functional if used for a product with flash
memory of more than 96Kbytes.
Note 1: "xxH
× 3" means that the device goes into an idle state after transmitting 3 bytes of xxH.
Table 22-16 Command to Change the Mask ROM Emulation Setting
Number of
transfer bytes
Transfer data from the external controller to
TMP89FS60
Baud rate
Transfer data from TMP89FS60 to the
external controller
BOOT
ROM
1st byte
2nd byte
Matching data 1 (0x86 or 0x30)
-
Automatic adjustment
Baud rate after adjustment
-(Automatic baud rate adjustment)
OK: Echo back data (0x86 or 0x30)
Error: No data transmitted
3rd byte
4th byte
Matching data 2 (0x79 or 0xCF)
-
Baud rate after adjustment
Baud rate after adjustment
-
OK: Echo back data (0x79 or 0xCF)
Error: No data transmitted
5th byte
6th byte
Operation command data (0xD0)
-
Baud rate after adjustment
Baud rate after adjustment
-
OK: Echo back data (0xD0)
Error: 0xA1
× 3, 0xA3 × 3, 0x63 × 3 (note 1)
7th byte
8th byte
Set value
Baud rate after adjustment
Baud rate after adjustment
-
OK: Echo back data (0xD1)
Error: No data transmitted
9th byte
(Wait for the next operation command data)
Baud rate after adjustment
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com