Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 364 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 364 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 360Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 361Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 362Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 363Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 364Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 365Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 366Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 367Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 368Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 410 page
background image
Page 350
22. Serial PROM Mode
22.8 Operation Commands
TMP89FS60
RA002
22.8.7.1 Flash memory status code
The flash memory status code is 7-byte data. It shows the status of the flash memory security program
and that of the address from 0xFFE0 to 0xFFFF.
Restrictions are placed on the execution of some operation commands, depending on the contents of the
status code 1. Detailed information on this is shown in the table below. If the security program is enabled,
three commands cannot be executed: the flash memory write command, RAM loader mode command,
and Sector Erase command. To execute these commands, Chip Erase must be performed on flash memory
before they are executed.
Table 22-15 Flash Memory Status Code
Data
Description
In the case of TMP89FS60
1st
Start mark
0x3A
2nd
Number of transfer data (4 bytes from 3rd through
6th bytes)
0x04
3rd
Status code
0x00 through 0x1F
(see information below)
4th
Reserved
0x00
5th
Reserved
0x00
6th
Reserved
0x00
7th
Checksum of transfer data
(complement of 2 of the sum total of 3rd through
6th bytes)
If 3rd data is 0x00: 0x00
If 3rd data is 0x01: 0xFF
If 3rd data is 0x02: 0xFE
If 3rd data is 0x03: 0xFD
:
Status code 1
765
43210
EPFC
DAFC
RPENA
BLANK
Initial value (**** ****)
EPFC
Password string judgment when the
flash memory erase command is
executed
(status of 0xFFFA)
0:
1:
To skip the judgment of a password string (to judge PNSA and
PCSA only)
To judge a password string, PNSA, and PCSA
DAFC
Security program check of the on-
chip debugging function (OCD)
(status of 0xFFFB)
0:
1:
To skip the security program check at the start of OCD
To perform the security program check at the start of OCD
RPENA
Status of the flash memory security
program
0:
1:
Status in which the security program is disabled
Status in which the security program is enabled
BLANK
Status of 0xFFE0 through 0xFFFF
0:
1:
If data in the area 0xFFE0 through 0xFFFF are all 0xFF
If data in the area 0xFFE0 through 0xFFFF are other than 0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com