Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 358 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 358 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 354Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 355Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 356Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 357Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 358Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 359Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 360Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 361Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 362Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 410 page
background image
Page 344
22. Serial PROM Mode
22.8 Operation Commands
TMP89FS60
RA002
22.8.4 RAM loader command (operation command: 0x60)
Table 22-10 shows the transfer formats of the RAM loader command.
Note 1: "0x**
× 3" means that the device goes into an idle state after transmitting 3 bytes of 0x**. For further information, refer to
Table 22-18.
Note 2: For information on the Intel Hex format, refer to "22.11 Intel Hex Format (Binary)". For information on checksums, refer to
"22.10 Checksum (SUM)". For information on passwords, refer to "22.12.1 Passwords".
Note 3: If the area 0xFFE0 through 0xFFFF is all 0xFF, password authentication is not performed and, therefore, the password
string need not be transmitted. The password count storage address and password comparison start address, however,
must be specified, even for a blank product. If the password count storage address and/or password comparison start
address are/is incorrect, a password error occurs; the TMP89FS60 stops communication and goes into an idle state.
Therefore, if a password error occurs, initialize the TMP89FS60 by using the RESET pin, and restart the serial PROM
mode.
Table 22-10 Transfer Formats of the RAM Loader Command
Transfer byte
Transfer data from the external controller to
TMP89FS60
Baud rate
Transfer data from TMP89FS60 to the
external controller
BOOT
ROM
1st byte
2nd byte
Matching data 1 (0x86 or 0x30)
-
Automatic adjustment
Baud rate after adjustment
- (Automatic baud rate adjustment)
OK: Echo back data (0x86 or 0x30)
Error: No data transmitted
3rd byte
4th byte
Matching data 2 (0x79 or 0xCF)
-
Baud rate after adjustment
Baud rate after adjustment
-
OK: Echo back data (0x79 or 0xCF)
Error: No data transmitted
5th byte
6th byte
Operation command data (0x60)
-
Baud rate after adjustment
Baud rate after adjustment
-
OK: Echo back data (0x60)
Error: 0xA1
× 3, 0xA3 × 3, 0x63 × 3 (note 1)
7th byte
8th byte
Password count storage address 23 to 16
Baud rate after adjustment
Baud rate after adjustment
-
OK: No data transmitted
Error: No data transmitted
9th byte
10th byte
Password count storage address 15 to 08
Baud rate after adjustment
Baud rate after adjustment
-
OK: No data transmitted
Error: No data transmitted
11th byte
12th byte
Password count storage address 07 to 00
Baud rate after adjustment
Baud rate after adjustment
-
OK: No data transmitted
Error: No data transmitted
13th byte
14th byte
Password comparison start address 23 to 16
Baud rate after adjustment
Baud rate after adjustment
-
OK: No data transmitted
Error: No data transmitted
15th byte
16th byte
Password comparison start address 15 to 08
Baud rate after adjustment
Baud rate after adjustment
-
OK: No data transmitted
Error: No data transmitted
17th byte
18th byte
Password comparison start address 07 to 00
Baud rate after adjustment
Baud rate after adjustment
-
OK: No data transmitted
Error: No data transmitted
19th byte
:
m-th byte
Password string
-
Baud rate after adjustment
Baud rate after adjustment
-
OK: No data transmitted
Error: No data transmitted
m-th + XX byte
:
n-th - 2 byte
Intel Hex format (binary)
Baud rate after adjustment
Baud rate after adjustment
-
-
n-th - 1 byte
-
Baud rate after adjustment
OK: Checksum (high) (note 3)
Error: No data transmitted
n-th byte
-
Baud rate after adjustment
OK: Checksum (low) (note 3)
Error: No data transmitted
RAM
-
The program jumps to the start address of RAM in which the first transferred data is written, and executes itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com