Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 341 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 341 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 337Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 338Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 339Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 340Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 341Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 342Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 343Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 344Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 345Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 410 page
background image
Page 327
TMP89FS60
RA002
22. Serial PROM Mode
22.1 Outline
The TMP89FS60 has a 4K-byte BOOTROM (Mask ROM) for programming to flash memory. BOOTROM is
available in serial PROM mode. The serial PROM mode is controlled by RXD0/SI0 pins, TXD0/SO0 pins, MODE
pin, and RESET pin. In serial PROM mode, communication is performed via the UART or SIO.
22.2 Security
In serial PROM mode, two security functions are provided to prevent illegal memory access attempts by a third
party: password and security program functions. For more security-related information, refer to "22.12 Security".
Table 22-1 Operating Range in Serial PROM Mode
Parameter
Min
Max
Unit
Power supply voltage
4.5
5.5
V
High frequency
1
8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com