| Electronic Components Datasheet Search |
|
TMP89FS60 Datasheet(PDF) 373 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 Datasheet(HTML) 373 Page - Toshiba Semiconductor |
|
373 / 410 page ![]() Page 359 TMP89FS60 RA002 22.12.1.3Password setting, cancellation and authentication • Password setting Because a password is created by using part of a user program, a special password setting routine is unnecessary. A password can be set by simply writing a program to flash memory. • Password cancellation To cancel a password, Chip Erase (all erase) must be performed on flash memory. A pass- word is canceled when flash memory is all initialized to 0xFF. • Password authentication If there is data other than 0xFF in any one byte of data written to the address 0xFFE0 through 0xFFFF of the TMP89FS60, a product is considered a non-blank product, and password authentication is required to execute an operation command. In this password authentication process, PNSA, PCSA and a password string are used. An operation command is executed only if a password has been successfully authenticated. If a password is unsuccessfully authenti- cated, the TMP89FS60 goes into an idle state. If all data written to the address 0xFFE0 through 0xFFFF are 0xFF, a product is considered blank, and no password authentication is performed. To execute some special operation com- mands, however, PNSA and PCSA are still required (a password string is not required) even if a product is blank. In this case, the addresses defined in Table 22-21 must be selected as PNSA and PCSA. Whether a product is blank or non-blank can be confirmed by executing the status output command. The operation commands that require PNSA and PCSA (password string) for them to be exe- cuted are as follows: - Flash memory erase command (0xF0) - Flash memory write command (0x30) - Flash memory read command (0x40) - RAM loader command (0x60) - Flash memory security setting command (0xFA) 22.12.1.4Password values and setting range A password must be set in accordance with the conditions shown in Table 22-21. If a password created without meeting these conditions is used, a password error occurs. In this case, the TMP89FS60 does not transmit data and goes into an idle state. Table 22-21 Password Values and Setting Range Password Blank product (note 1) Non-blank product PNSA (password count storage address) 0x1000 ≤ PNSA ≤ 0xFEFF 0x1000 ≤ PNSA ≤ 0xFEFF PCSA (password comparison start address) 0x1000 ≤ PCSA ≤ 0xFEFF 0x1000 ≤ PCSA ≤ 0xFF00 - N N (password count) *8 ≤ N Password string Not required (notes 4 and 5) Required (note 3) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |