Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 375 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 375 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 371Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 372Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 373Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 374Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 375Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 376Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 377Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 378Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 379Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 410 page
background image
Page 361
TMP89FS60
RA002
22.12.2Security program
The security program can be used in parallel and serial PROM modes and for OCD. It has a special memory
for protection, and a special command is required to make this protection setting. If the security program is
enabled, the reading or writing of flash memory in parallel PROM mode is prohibited. In serial PROM mode,
the read and write of flash memory and other operation commands cannot be used. In performing OCD, two
options about system startup are provided: prohibiting the system startup by using an option code and starting
the system by password authentication.
22.12.2.1How the security program functions
With the TMP89FS60, you can control the read of flash memory by writing protection-related informa-
tion to a specially-designed memory. Because protection-related information is written to this specially-
designed memory, no user memory resource are required.
22.12.2.2Enabling or disabling the security program
• Enabling the security program
To enable the security program, execute the flash memory security setting command.
• Disabling the security program
To disable the security program, execute Chip Erase of the flash memory erase command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com