Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 374 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 374 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 370Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 371Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 372Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 373Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 374Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 375Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 376Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 377Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 378Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 410 page
background image
Page 360
22. Serial PROM Mode
22.12 Security
TMP89FS60
RA002
Note 1: *: Don’t care.
Note 2: When addresses from 0xFFE0 through 0xFFFF are filled with "0xFF", the product is recognized as a blank product.
Note 3: The data including the same consecutive data (three or more bytes) cannot be used as a password. (A password error
occurs during password authentication. The TMP89FS60 does not transmit any data and goes into an idle state.)
Note 4: In flash memory writing mode or RAM loader mode, the blank product receives the Intel Hex format data immediately after
receiving PCSA; it does not receive password strings. In this case, the subsequent processing is performed correctly
because the TMP89FS60 keeps ignoring incoming data until the start mark (0x3A ":") in the Intel Hex format is detected,
even if the external controller transmits the dummy password string. However, if the dummy password string contains
"0x3A", it is detected as the start mark erroneously, and the microcontroller enters the halt mode. If this causes a problem,
do not transmit the dummy password strings.
Note 5: In executing the flash memory erase command, do not transmit a password string to a blank product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com