Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 378 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 378 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 374Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 375Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 376Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 377Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 378Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 379Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 380Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 381Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 382Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 410 page
background image
Page 364
22. Serial PROM Mode
22.12 Security
TMP89FS60
RA002
22.12.4Recommended settings
Table 22-23 shows the option codes and recommended security program settings.
Note 1: In parallel PROM mode, Chip Erase can be performed irrespective of the option code setting.
Note 2: If the security program is not enabled in parallel PROM mode, ROM data can be read with no restrictions. Make sure that
in parallel PROM mode, you always enable the security program to protect ROM data.
Table 22-23 Option Codes and Recommended Security Program Settings
Device status
Serial PROM mode
Parallel PROM mode
OCD
EPFC_OP
(0xFFFA)
DAFC_OP
(0xFFFB)
Security
Program
Memory
read
Erase
Memory
read
Erase
At the time of debug-
ging during software
development
0xFF
0xFF
Disable
Password
string
required
Possible
Possible
Possible
Can be
used
In quantity production
0xFF
0xFF
Enable
Impossible
Possible
Impossible
Possible
Can be
used
Other than
0xFF
Cannot be
used
Other than
0xFF
0xFF
Password
string
required
Can be
used
Other than
0xFF
Cannot be
used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com