Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 387 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 387 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 383Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 384Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 385Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 386Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 387Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 388Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 389Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 390Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 391Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 410 page
background image
Page 373
TMP89FS60
RA000
23. On-chip Debug Function (OCD)
The TMP89FS60 has an on-chip debug function. Using a combination of this function and the TOSHIBA on-chip
debug emulator RTE870/C1, the user is able to perform software debugging in the on-board environment. This emu-
lator can be operated from a debugger installed on a PC so that the emulation and debugging functions of an applica-
tion program can be used to modify a program or for other purposes.
This chapter describes the control pins needed to use the on-chip debug function and how a target system is con-
nected to the on-chip debug function. For more detailed information on how to use the on-chip debug emulator
RTE870/C1, refer to the emulator operating manual.
23.1 Features
The on-chip debug function of the TMP89FS60 has the following features:
• Debugging can be performed in much the same way as when a microcontroller packaged with the MCU is
used.
• The debugging function can be realized using two communication control pins.
• Useful on-chip debug functions include the following:
- 8 breaks function are provided (one of which can also be used as an event function).
- A trace function that allows the newest two branch instructions to be stored in real time is provided.
- Functions to display active memory and to overwrite active memory are provided.
• Built-in flash memory can be erased and written.
23.2 Control Pins
The on-chip debug function uses two pins for communication and four pins for power supply, reset and mode con-
trol. The pins used for the on-chip debug function are shown in Table 23-1.
Ports P20 and P21 are used as communication control pins of the on-chip debug function. If the on-chip debug
emulator RTE870/C1 is used, therefore, the port functions and the functions of UART0 and SIO0, which are also
used as ports, cannot be debugged.
Note 1: To use all on-chip debug functions, the power supply voltage must be within the range 4.5 V to 5.5 V. If it is within the range
2.7 V to 4.5 V, functional limitations occur with some of the debug functions. For more detailed information, refer to the
emulator operating manual.
Table 23-1 Pins Used for the On-chip Debug Function
Pin name
(during on-chip debugging)
Input/out-
put
Function
Pin name
(in MCU mode)
OCDCK
Input
Communication control pin (clock control)
(Note 1)
P20 / TXD0 / SO0
OCDIO
I/O
Communication control pin (data control)
P21 / RXD0 / SI0
RESET
Input
Reset control pin
RESET
MODE
Input
Mode control pin
MODE
VDD
Power
supply
4.5 V to 5.5 V (note 1)
VSS
Power
supply
0 V
Input and output ports other than
P20 and P21
I/O
Can be used for an application in a target system
XIN
Input
To be connected to an oscillator to put these pins in a state of self-oscillation
XOUT
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com