Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 388 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 388 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 384Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 385Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 386Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 387Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 388Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 389Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 390Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 391Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 392Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 410 page
background image
Page 374
23. On-chip Debug Function (OCD)
23.3 How to Connect the On-chip Debug Emulator to a Target
System
TMP89FS60
RA000
23.3 How to Connect the On-chip Debug Emulator to a Target System
To use the on-chip debug function, the specific pins on a target system must be connected to an external debugging
system.
The on-chip debug emulator RTE870/C1 can be connected to a target system via an interface control cable.
TOSHIBA provides a connector for this interface control cable as an accessory tool. Mounting this connector on a
target system will make it easier to use the on-chip debug function.
The connection between the on-chip debug emulator RTE870/C1 and a target system is shown in Figure 23-1.
Figure 23-1 How the On-chip Debug Emulator RTE870/C1 Is Connected to a Target System
Note 1: Ports P20 and P21 are used as communication control pins of the on-chip debug function. If the on-chip debug
emulator RTE870/C1 is used, therefore, the port functions and the functions of UART0 and SIO0, which are also
used as ports, cannot be debugged. If the emulator is disconnected to be used as a single MCU, the functions of
ports P20 and P21 can be used. To use the on-chip debug function, however, P20 and P21 should be discon-
nected using a jumper, switch, etc. if there is the possibility of other parts affecting the communication control.
Note 2: If the reset control circuit on an application board affects the control of the on-chip debug function, it must be dis-
connected using a jumper, switch, etc.
Note 3: The power supply voltage VDD must be provided by a target system. The VDD pin is connected to the emulator
so that the level of voltage appropriate for driving communication pins can be obtained by using the power supply
of a target system. The connection of the VDD pin is for receiving the power supply voltage, not for supplying it
from the emulator side to a target system.
23.4 Security
The TMP89FS60 provides two security functions to prevent the on-chip debug function from being used through
illegal memory access attempted by a third person: a password function and a Security Program function. If a pass-
word is set on the TMP89FS60, it is necessary to authenticate the password for using the on-chip debug function. By
setting both a password and the Security Program on the TMP89FS60, it is possible to prohibit the use of all on-chip
debug functions. Furthermore, by using the option code, the on-chip debug function only can be used even if the
Security Program is enabled. However, to use the on-chip debug function in this setting, a password authentication
process is required.
For information on how to set a password and to enable the read protection and option code, refer to "Serial PROM
Mode".
During on-chip debugging
MCU mode
VDD
MODE
OCDCK (P20)
OCDIO (P21)
RESET
USB connection
XIN
XOUT
VSS
On-chip debug
emulator
RTE870/C1
Interface
control cable
Connectors
PC (host system)
Target system
RESET
control
Other
parts
(Note 1)
(Note 2)
(Note 3)
VDD
(Note 3)
Level Shifter
(provided power supply by target system)
Control Circuit
(provided power supply by bus power)
TMP89FS60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com