Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 391 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 391 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 387Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 388Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 389Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 390Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 391Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 392Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 393Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 394Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 395Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 410 page
background image
Page 377
TMP89FS60
RA003
25. Electrical Characteristics
25.1 Absolute Maximum Ratings
The absolute maximum ratings are rated values which must not be exceeded during operation, even for an instant.
Any one of the ratings must not be exceeded. If any absolute maximum rating is exceeded, a device may break down
or its performance may be degraded, causing it to catch fire or explode resulting in injury to the user. Thus, when
designing products which include this device, ensure that no absolute maximum rating value will ever be exceeded.
(VSS = 0 V)
Parameter
Symbol
Pins
Ratings
Unit
Supply voltage
VDD
−0.3 to 6.0
V
Input voltage
VIN1
P0, P1, P2 (excluding P23 and P24), P4, P5,
P7, P8, P9, PB (tri-state port)
−0.3 to V
DD + 0.3
V
VIN2
P23, P24 (sink open drain port)
−0.3 to V
DD + 0.3
VIN3
AIN0 to AIN15 (analog input voltage)
−0.3 to A
VDD + 0.3
Output voltage
VOUT1
−0.3 to V
DD + 0.3
V
Output current (per pin)
IOUT1
P0, P1, P2 (excluding P23 and P24), P4, P5,
P7, P8, P9, PB (tri-state port)
−1.8
mA
IOUT2
P0, P1, P2, P4, P9 (pull-up resistor)
−0.4
IOUT3
P0, P1, P2, P4, P7, P8, P9 (tri-state port)
3.2
IOUT4
PB (large current port)
30
Output current (total)
ΣI
OUT1
P0, P1, P2 (excluding P23 and P24), P4, P5,
P7, P8, P9, PB (tri-state port)
−30
ΣI
OUT2
P0, P1, P2, P4, P9 (pull-up resistor)
−4
ΣI
OUT3
P0, P1, P2, P4, P5, P7, P8, P9 (tri-state port)
60
ΣI
OUT4
PB (large current port)
120
Power dissipation (Topr
= 85°C)
PD
250
mW
Soldering temperature (time)
Tsld
260 (10 s)
°C
Storage temperature
Tstg
−55 to 125
Operating temperature
Topr
−40 to 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com