Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 393 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 393 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 389Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 390Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 391Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 392Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 393Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 394Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 395Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 396Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 397Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 410 page
background image
Page 379
TMP89FS60
RA003
25.2.2 MCU mode (Except Flash Programming or erasing)
Note:When the supply voltage VDD is less than 3.0V, the operating temperature Topr must be in a range of
−20°C
to 85
°C.
Figure 25-2 Clock gear (fcgck) and High-frequency clock (fc)
(VSS = 0 V, Topr = −40 to 85°C)
Parameter
Symbol
Pins
Condition
Min
Max
Unit
Supply voltage
(Condition 1)
VDD
fc
= 8.0 MHz
NORMAL1, 2 modes
IDLE0, 1, 2 modes
3.0
5.5
V
fcgck
= 8.0 MHz
4.3
fcgck
= 4.2 MHz
3.0
fs
= 32.768 kHz
SLOW1, 2 modes
SLEEP0, 1 modes
STOP mode
Supply voltage
(Condition 2)
(Note)
fc
= 8.0 MHz
NORMAL1, 2 modes
IDLE0, 1, 2 modes
2.7
3.0
V
fcgck
= 4.2 MHz
fs
= 32.768 kHz
SLOW1, 2 modes
SLEEP0, 1 modes
STOP mode
Input high level
VIH1
MODE pin
VDD ≥ 4.5 V
VDD × 0.70
VDD
V
VIH2
Hysteresis input
VDD × 0.75
VIH3
VDD < 4.5 V (Note)
VDD × 0.90
Input low level
VIL1
MODE pin
VDD ≥ 4.5 V
0
VDD × 0.30
VIL2
Hysteresis input
VDD × 0.25
VIL3
VDD < 4.5 V (Note)
VDD × 0.10
Clock frequency
fc
XIN, XOUT
VDD = 2.7 to 3.0 V (Note)
1.0
8.0
MHz
VDD = 3.0 to 5.5 V
fcgck
VDD = 2.7 to 3.0 V (Note)
0.25
4.2
VDD = 3.0 to 4.3 V
VDD = 4.3 to 5.5 V
8.0
fs
XTIN, XTOUT
VDD = 2.7 to 3.0 V (Note)
30.0
34.0
kHz
VDD = 3.0 to 5.5 V
5.5
(a)
(b)
4.3
2.7
[MHz]
Gear clock(fcgck) frequency range
[V]
3.0
3.0
5.5
4.3
2.7
[MHz]
High-frequency clock(fc) frequency range
fc, fc/2 or fc/4 can be used as gear clock (fcgck).
Only fc/2 or fc/4 can be used as gear clock (fcgck).
Note :
The operating temperature Topr range
(a)
−40°C to 85°C
(b)
−20°C to 85°C
[V]
(a)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com