Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 396 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 396 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 392Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 393Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 394Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 395Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 396Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 397Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 398Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 399Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 400Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 410 page
background image
Page 382
25. Electrical Characteristics
25.3 DC Characteristics
TMP89FS60
RA003
Note 1: Typical values shown are Topr
= 25°C and V
DD = 5.0 V, unless otherwise specified.
Note 2: IDD does not include IREF. It is the electrical current in the state in which the peripheral circuitry has been operated.
Note 3: VIN : The input voltage on the pin except MODE pin, VMODE : The input voltage on the MODE pin
Note 4: When performing a write or erase on the flash memory or activating a security program in the flash memory, make sure
that the operating temperature Topr is within the range
−10°C to 40°C. If the temperature is outside this range, the result-
ant performance cannot be guaranteed.
Note 5: In SLOW1 mode, the difference between the peak current and the average current becomes large.
Note 6: Each supply current in SLOW2 mode is equivalent to that in IDLE0, IDLE1 and IDLE2 modes.
Note 7: When a program operates in the flash memory or when data is being read from the flash memory, the flash memory oper-
ates intermittently, and a peak current flows, as shown in Figure 25-4. In this case, the supply current IDD (in NORMAL1,
NORMAL2 and SLOW1 modes) is defined as the sum of the average peak current and MCU current.
Note 8: If a write or erase is performed on the flash memory or a security program is enabled in the flash memory, an instanta-
neous peak current flows, as shown in Figure 25-5.
Note 9: The circuit of a power supply must be designed such as to enable the supply of a peak current. This peak current causes
the supply voltage in the device to fluctuate. Connect a bypass capacitor of about 0.1
µF near the power supply of the
device to stabilize its operation.
(VSS = 0 V, Topr = −40 to 85°C)
Parameter
Symbol
Pins
Condition
Min
Typ.
Max
Unit
Supply current in
NORMAL 1, 2 modes
(Note 7)
IDD
(Note 8)
VDD = 5.5 V
VIN = 5.3 V/0.2 V
VMODE=5.3V/0.1V
fcgck
= 8.0 MHz
fs
= 32.768 kHz
When a program
operates on flash
memory
−
17.0
20.0
mA
When a program
operates on RAM
−
7.5
10.0
Supply current in
IDLE0, 1, 2 modes
−
5.0
7.0
Supply current in
SLOW1 mode
(Notes 5 and 7)
VDD = 3.0 V
VIN = 2.8 V/0.2 V
VMODE=2.8V/0.1V
fs
= 32.768 kHz
When a program
operates on flash
memory
−
25.0
43.0
µA
When a program
operates on RAM
(FLSSTB<FSTB>
=
0)
−
20.0
38.0
When a program
operates on RAM
(FLSSTB<FSTB>
=
1)
−
15.0
33.0
Supply current in
SLEEP1 mode
−
12.0
25.0
Supply current in
SLEEP0 mode
−
10.0
23.0
Supply current in
STOP mode
VDD = 5.5 V
VIN = 5.3 V/0.2 V
VMODE=5.3V/0.1V
−
10.0
25.0
Peak current of inter-
mittent operation
(Notes 7 and 9)
IDDRP-P
VDD = 5.5 V
VIN = 5.3 V/0.2 V
VMODE=5.3V/0.1V
When a program
operates on flash
memory or when
data is being read
from flash memory
−
10.0
−
mA
VDD = 3.0V
VIN = 2.8 V/0.2 V
VMODE=2.8V/0.1V
−
2.0
−
Current for writing to
flash memory, erasing
and security program
(Notes 4, 8 and 9)
IDDEW
VDD = 5.5 V
VIN = 5.3 V/0.2 V
VMODE=5.3V/0.1V
−
26.0
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com