Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 398 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 398 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 394Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 395Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 396Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 397Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 398Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 399Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 400Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 401Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 402Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 410 page
background image
Page 384
25. Electrical Characteristics
25.4 AD Conversion Characteristics
TMP89FS60
RA003
25.4 AD Conversion Characteristics
Note 1: The total error includes all errors except a quantization error, and is defined as the maximum deviation from the ideal con-
version line.
Note 2: Conversion times differ with variation in the power supply voltage.
Note 3: The voltage to be input to the AIN input pin must be within the range VAREF to VSS. If a voltage outside this range is input,
converted values will become indeterminate, and converted values of other channels will be affected.
Note 4: Analog reference voltage range:
∆V
AREF = VAREF − VSS
Note 5: If the AD converter is not used, fix the AVDD and VAREF pin to the VDD level.
(VSS = 0.0 V, 4.5 V ≤ VDD ≤ 5.5 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog reference voltage
VAREF
AVDD − 1.0
−
AVDD
V
Power supply voltage of analog control
circuit
AVDD
VDD
Analog reference voltage range (Note
4)
∆V
AREF
3.5
−−
Analog input voltage range
VAIN
VSS
−
VAREF
Power supply current of analog refer-
ence voltage
IREF
VDD = AVDD =VAREF = 5.5 V
VSS = AVSS =0.0 V
−
0.6
1.0
mA
Non-linearity error
VDD = AVDD = 5.0 V,
VSS=AVS S= 0.0V,
VAREF = 5.0V
−−
±2
LSB
Zero point error
−−
±2
Full scale error
−−
±2
Total error
−−
±2
(VSS = 0.0 V, 3.0 V ≤ VDD < 4.5 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog reference voltage
VAREF
AVDD−1.0
−
AVDD
V
Power supply voltage of analog control
circuit
AVDD
VDD
Analog reference voltage range
(Note4)
∆V
AREF
2.5
−−
Analog input voltage range
VAIN
VSS
−
VAREF
Power supply current of analog refer-
ence voltage
IREF
VDD = AVDD =VAREF = 4.5 V
VSS = AVSS =0.0 V
−
0.5
0.8
mA
Non-linearity error
VDD = AVDD = 3.0 V,
VSS=AVS S= 0.0V,
VAREF = 3.0V
−−
±2
LSB
Zero point error
−−
±2
Full scale error
−−
±2
Total error
−−
±2
(VSS = 0.0 V, 2.7 V ≤ VDD < 3.0 V, Topr = −20 to 85°C) (Note6)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog reference voltage
VAREF
AVDD − 0.5
−
AVDD
V
Power supply voltage of analog control
circuit
AVDD
VDD
Analog reference voltage range (Note
4)
∆V
AREF
2.5
−−
Analog input voltage range
VAIN
VSS
−
VAREF
Power supply current of analog refer-
ence voltage
IREF
VDD = AVDD = VAREF = 2.7 V
VSS = AVSS=0.0 V
−
0.3
0.5
mA
Non-linearity error
VDD = AVDD = 2.7 V,
VSS=AVSS= 0.0V,
VAREF = 2.7V
−−
±2
LSB
Zero point error
−−
±2
Full scale error
−−
±2
Total error
−−
±2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com