Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 402 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 402 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 398Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 399Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 400Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 401Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 402Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 403Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 404Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 405Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 406Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 410 page
background image
Page 388
25. Electrical Characteristics
25.8 Flash Characteristics
TMP89FS60
RA003
Note: When the supply voltage VDD is less than 3.0V, the operating temperature Topr must be in a range of
−20°C to 85°C.
25.7.3 Serial PROM mode
25.8 Flash Characteristics
25.8.1 Write characteristics
(VSS = 0 V, VDD = 2.7 V to 3.0 V, Topr = −20 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Machine cycle time
tcy
NORMAL1, 2 modes
0.238
−
4
µs
IDLE0, 1, 2 modes
SLOW1, 2 modes
117.6
−
133.3
SLEEP0, 1 modes
High-level clock pulse width
tWCH
For external clock operation (XIN input).
fc
= 8.0 MHz
−
62.5
−
ns
Low-level clock pulse width
tWCL
High-level clock pulse width
tWSH
For external clock operation (XTIN input)
fs
= 32.768 kHz
−
15.26
−
µs
Low-level clock pulse width
tWSL
(VSS = 0 V, VDD = 4.5 V to 5.5 V, Topr = −10 to 40°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Machine cycle time
tcy
NORMAL1, 2 modes
0.125
−
4
µs
IDLE0, 1, 2 modes
SLOW1, 2 modes
117.6
−
133.3
SLEEP0, 1 modes
High-level clock pulse width
tWCH
For external clock operation (XIN input).
fc
= 8.0 MHz
−
62.5
−
ns
Low-level clock pulse width
tWCL
High-level clock pulse width
tWSH
For external clock operation (XTIN input)
fs
= 32.768 kHz
−
15.26
−
µs
Low-level clock pulse width
tWSL
(VSS = 0 V, Topr = −10 to 40°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Number of guaranteed writes to
flash memory
−−
100
Times
Flash memory write time
−−
40
µs
Flash memory erase time
Chip erase
−−
30
ms
Sector erase
−−
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com