Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 405 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 405 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 401Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 402Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 403Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 404Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 405Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 406Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 407Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 408Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 409Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 410 page
background image
Page 391
TMP89FS60
RA003
25.11Revision History
Rev
Description
RA001
"25.2.2 MCU mode (Except Flash Programming or erasing)"
The minimum value of the supply voltage is changed from 4.5V to 4.3V when fcgck is 8.0MHz.
The condition of the VDD in the clock frequency is changed from 4.5V to 4.3V when fcgck is 8.0MHz.
The IDD in "25.3 DC Characteristics"
The maximum supply current in SLOW1mode is changed.
The maximum supply current in SLEEP1 mode is changed.
The maximum supply current in SLEEP0 mode is changed.
The maximum suppy current in STOP mode is changed.
VMODE is defined.
"25.7.2 MCU mode (Except Flash Programming or erasing)"
The VDD is changed from 4.5V to 4.3V.
RA002
"25.2.2 MCU mode (Except Flash Programming or erasing)" Changed range of clock frequency from "3.0 to 5.5V" to "3.0 to 4.3V".
"25.2.2 MCU mode (Except Flash Programming or erasing)" Deleted fcgck=8MHz of supply voltage (condition2).
Added Figure 25-1 to Figure 25-3.
RA003
"25.5 Power-on Reset Circuit Characteristics" Revised table (IPWUP Unit) from "ms" to "s".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com