Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 399 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 399 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 395Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 396Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 397Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 398Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 399Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 400Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 401Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 402Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 403Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 410 page
background image
Page 385
TMP89FS60
RA003
Note 6: When the supply voltage VDD is less than 3.0V, the operating temperature Topr must be in a range of
−20°C to 85°C.
25.5 Power-on Reset Circuit Characteristics
Figure 25-6 Power-on Reset Operation Timing
Note: Care must be taken in system designing since the power-on reset circuit may not fulfill its functions due to the fluc-
tuations in the power supply voltage (VDD).
Note 1: Because the power-on reset releasing voltage and the power-on reset detecting voltage change relative to one another,
the detected voltage will never become inverted.
Note 2: A clock output by an oscillating circuit is used as the input clock for a warming-up counter. Because the oscillation fre-
quency does not stabilize until an oscillating circuit stabilizes, some errors may be included in the warming-up time.
Note 3: Boost the power supply voltage such that tVDD becomes smaller that tPWUP.
(VSS=0 V, Topr = −40 to 85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VPROFF
Power-on reset releasing voltageNote
2.2
2.4
2.6
V
VPRON
Power-on reset detecting voltageNote
2.0
2.2
2.3
tPROFF
Power-on reset releasing response time
−
0.01
0.1
ms
tPRON
Power-on reset detecting response time
−
0.01
0.1
tPRW
Power-on reset minimum pulse width
1.0
−−
tPWUP
Warming-up time after a reset is cleared
−
102 x 29/fc
−
s
tVDD
Power supply rise time
−−
5ms
Power supply voltage (VDD)
VPROFF
Operating voltage
VPRON
t VDD
tPPW
tPRON
Warm-up counter start
tPWUP
tPROFF
Power-on reset signal
CPU and peripheral circuit
reset signal
Warm-up counter clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com