Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 392 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 392 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 388Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 389Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 390Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 391Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 392Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 393Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 394Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 395Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 396Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 410 page
background image
Page 378
25. Electrical Characteristics
25.2 Operating Conditions
TMP89FS60
RA003
25.2 Operating Conditions
The operating conditions for a device are operating conditions under which it can be guaranteed that the device
will operate as specified. If the device is used under operating conditions other than the operating conditions (supply
voltage, operating temperature range, specified AC/DC values etc.), malfunction may occur. Thus, when designing
products which include this device, ensure that the operating conditions for the device are always adhered to.
25.2.1 MCU mode (Flash Programming or erasing)
Figure 25-1 Clock gear (fcgck) and High-frequency clock (fc)
(VSS = 0 V, Topr = −10 to 40°C)
Parameter
Symbol
Pins
Condition
Min
Max
Unit
Supply voltage
VDD
NORMAL1, 2 modes
4.5
5.5
V
Input high level
VIH1
MODE pin
VDD ≥ 4.5 V
VDD × 0.70
VDD
VIH2
Hysteresis input
VDD × 0.75
Input low level
VIL1
MODE pin
VDD ≥ 4.5 V
0
VDD × 0.30
VIL2
Hysteresis input
VDD × 0.25
Clock frequency
fc
XIN, XOUT
VDD ≥ 4.5 V
1.0
8.0
MHz
fcgck
0.25
8.0
5.5
4.5
[MHz]
Gear clock(fcgck) frequency range
[V]
5.5
4.5
[MHz]
High-frequency clock(fc) frequency range
[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com