Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 118 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 118 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 114Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 115Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 116Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 117Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 118Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 119Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 120Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 121Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 122Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 410 page
background image
Page 104
8. I/O Ports
8.3 I/O Port Registers
TMP89FS60
RA005
Note: Symbol "I" means secondary function input. Symbol "O" means secondary function output. Symbol "I/O" means secondary
function input/output
Port P2 output latch
P2DR
(0x0002)
76543
210
Bit Symbol
P27
P26
P25
P24
P23
P22
P21
P20
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Outputs L level when the output mode is selected.
1:
Outputs H level when the output mode is selected. (Serves as Hi-Z or pull-up depending on settings of P2OUTCR
and P2PU.)
Port P2 input/output control
P2CR
(0x0F1C)
76543
210
Bit Symbol
P2CR7
P2CR6
P2CR5
P2CR4
P2CR3
P2CR2
P2CR1
P2CR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Input mode (port input)
-
-
SCLK0 (I)
SI0 (I)
-
SCLK0 (I)
RXD0 (I)
SI0 (I)
-
1:
Output mode (port output)
-
-
SCLK0 (O)
SCL0 (I/O)
SDA0 (I/O)
SO (O)
SCLK0 (O)
-
TXD0 (O)
SO0 (O)
Port P2 function control
P2FC
(0x0F36)
76543
210
Bit Symbol
-
-
P2FC5
P2FC4
P2FC3
P2FC2
-
P2FC0
Read/Write
R
R
R/W
R/W
R/W
R/W
R
R/W
After reset
00000
000
Function
0:
Port function
Port func-
tion
1:
SCLK0 (O)
SCL0 (I/O)
SDA0 (I/O)
SO0 (O)
SCLK0 (O)
TXD0 (O)
SO0 (O)
Port P2 output control
P2OUTCR
(0x0F43)
76543
210
Bit Symbol
P2OUT7
P2OUT6
P2OUT5
-
-
P2OUT2
P2OUT1
P2OUT0
Read/Write
R/W
R/W
R/W
R
R
R/W
R/W
R/W
After reset
00000
000
Function
0:
C-MOS output
C-MOS output
1:
Open drain output
Open drain output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com