Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 121 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 121 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 117Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 118Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 119Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 120Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 121Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 122Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 123Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 124Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 125Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 410 page
background image
Page 107
TMP89FS60
RA005
Note 1: Symbol "I" means secondary function input.
Note 2: When the key-on wakeup input (KWIi) is enabled (KWUCRm<KWnEN>="1"), there is no need to set P4CRi. (i=7 to 0,
m=1 to 0, n=3 to 0)
Note 1: When the key-on wakeup input (KWIi) is enabled, there is no need to set P4FCi.
Port P4 output latch
P4DR
(0x0004)
76543
210
Bit Symbol
P47
P46
P45
P44
P43
P42
P41
P40
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Outputs L level when the output mode is selected.
1:
Outputs H level when the output mode is selected.
Port P4 input/output control
P4CR
(0x0F1E)
76543
210
Bit Symbol
P4CR7
P4CR6
P4CR5
P4CR4
P4CR3
P4CR2
P4CR1
P4CR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Input mode (port input)
AIN7 (I)AIN6 (I)
AIN5 (I)
AIN4 (I)AIN3 (I)AIN2 (I)AIN1 (I)AIN0 (I)
1:
Output mode (port output)
Port P4 function control
P4FC
(0x0F38)
76543
210
Bit Symbol
P4FC7
P4FC6
P4FC5
P4FC4
P4FC3
P4FC2
P4FC1
P4FC0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Port function
1:
AIN7 (I)AIN6 (I)
AIN5 (I)
AIN4 (I)AIN3 (I)AIN2 (I)AIN1 (I)AIN0 (I)
Port P4 built-in pull-up resistor control
P4PU
(0x0F2B)
76543
210
Bit Symbol
P4PU7
P4PU6
P4PU5
P4PU4
P4PU3
P4PU2
P4PU1
P4PU0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
The built-in pull-up resistor is not connected.
1:
The built-in pull-up resistor is connected.
(The resistor is connected only when the key-on wakeup input (KWIi) is enabled or the port is used in the input
mode (P4FCi="0" and P4CRi="0"). Under any other conditions, setting to "1" does not make the resistor con-
nected.)
Port P4 input data
P4PRD
(0x0011)
76543
210
Bit Symbol
P4PRD7
P4PRD6
P4PRD5
P4PRD4
P4PRD3
P4PRD2
P4PRD1
P4PRD0
Read/Write
RRRRRRRR
After reset
*
*******
Function
If the port is in the input mode, the contents of the port are read. If not, "0" is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com