Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 124 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 124 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 120Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 121Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 122Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 123Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 124Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 125Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 126Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 127Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 128Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 410 page
background image
Page 110
8. I/O Ports
8.3 I/O Port Registers
TMP89FS60
RA005
Note: Symbol "I" means secondary function input.
Note 1: * : Don’t care
Note 2: i = 0 to 7
Port P5 output latch
P5DR
(0x0005)
76543
210
Bit Symbol
P57
P56
P55
P54
P53
P52
P51
P50
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Outputs L level when the output mode is selected
1:
Outputs H level when the output mode is selected.
Port P5 input/output control
P5CR
(0x0F1F)
76543
210
Bit Symbol
P5CR7
P5CR6
P5CR5
P5CR4
P5CR3
P5CR2
P5CR1
P5CR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Input mode (port input)
AIN15 (I)
AIN14 (I)
AIN13 (I)
AIN12 (I)
AIN11 (I)
AIN10 (I)
AIN9 (I)
AIN8 (I)
1:
Output mode (port output)
Port P5 function control
P5FC
(0x0F39)
76543
210
Bit Symbol
P5FC7
P5FC6
P5FC5
P5FC4
P5FC3
P5FC2
P5FC1
P5FC0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Port function
1:
AIN15 (I)
AIN14 (I)
AIN13 (I)
AIN12 (I)
AIN11 (I)
AIN10 (I)
AIN9 (I)
AIN8 (I)
Port P5 input data
P5PRD
(0x0012)
76543
210
Bit Symbol
P5PRD7
P5PRD6
P5PRD5
P5PRD4
P5PRD3
P5PRD2
P5PRD1
P5PRD0
Read/Write
RRRRRRRR
After reset
*
*******
Function
If the port is in the input mode, the contents of the port are read. If not, "0" is read.
Table 8-13 P5PRD Read Value
Set condition
P5PRDi read value
P5CRi
P5FCi
0
0
Contents of port
*1
"0"
1*
"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com