Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 126 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 126 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 122Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 123Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 124Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 125Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 126Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 127Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 128Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 129Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 130Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 410 page
background image
Page 112
8. I/O Ports
8.3 I/O Port Registers
TMP89FS60
RA005
Note: Symbol "I" means secondary function input. Symbol "O" means secondary function output.
Note 1: * : Don’t care
Note 2: i = 0 to 7
Port P7 output latch
P7DR
(0x0007)
76543
210
Bit Symbol
P77
P76
P75
P74
P73
P72
P71
P70
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Outputs L level when the output mode is selected
1:
Outputs H level when the output mode is selected
Port P7 input/output control
P7CR
(0x0F21)
76543
210
Bit Symbol
P7CR7
P7CR6
P7CR5
P7CR4
P7CR3
P7CR2
P7CR1
P7CR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Input mode (port input)
INT4 (I)
INT3 (I)
INT2 (I)
-
TCA1 (I)
TCA0 (I)
TC01 (I)
TC00 (I)
1:
Output mode (port output)
---
DVO
(O)
PPGA1
(O)
PPGA0
(O)
PPG01
(O)
PWM01
(O)
PPG00
(O)
PWM00
(O)
Port P7 function control
P7FC
(0x0F3B)
76543
210
Bit Symbol
-
-
-
P7FC3
P7FC3
P7FC2
P7FC1
P7FC0
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Port function
1:
DVO
(O)
PPGA1
(O)
PPGA0
(O)
PPG01
(O)
PWM01
(O)
PPG00
(O)
PWM00
(O)
Port P7 input data
P7PRD
(0x0014)
76543
210
Bit Symbol
P7PRD7
P7PRD6
P7PRD5
P7PRD4
P7PRD3
P7PRD2
P7PRD1
P7PRD0
Read/Write
RRRRRRRR
After reset
*
*******
Function
If the port is used in the input mode, the contents of the port are read. If not, "0" is read.
Table 8-15 P7PRD Read Value
Set condition
P7PRDi read value
P7CRi
0
Contents of port
1"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com