Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 130 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 130 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 126Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 127Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 128Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 129Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 130Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 131Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 132Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 133Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 134Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 410 page
background image
Page 116
8. I/O Ports
8.3 I/O Port Registers
TMP89FS60
RA005
Note: Symbol "I" means secondary function input. Symbol "O" means secondary function output.
Port P9 output latch
P9DR
(0x0009)
76543
210
Bit Symbol
-
-
-
P94
P93
P92
P91
P90
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Outputs L level when the output mode is selected.
1:
Outputs H level when the output mode is selected. (Serves as Hi-Z or
pull-up depending on settings of P9OUTCR and P9PU.)
Port P9 input/output control
P9CR
(0x0F23)
76543
210
Bit Symbol
-
-
-
P9CR4
P9CR3
P9CR2
P9CR1
P9CR0
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Input mode (port input)
RXD2 (I)
-
SCLK1 (I)
RXD1 (I)
SI1 (I)
-
1:
Output mode (port output)
-
TXD2 (O)
SCLK1 (O)
-
TXD1 (O)
SO1 (O)
Port P9 function control
P9FC
(0x0F3D)
76543
210
Bit Symbol
----
P9FC3
P9FC2
-
P9FC0
Read/Write
RRRR
R/W
R/W
R
R/W
After reset
00000
000
Function
0:
Port function
Port func-
tion
1:
TXD2 (O)
SCLK1 (O)
TXD1 (O)
SO1 (O)
Port P9 output control
P9OUTCR
(0x0F4A)
76543
210
Bit Symbol
-
-
-
P9OUT4
P9OUT3
P9OUT2
P9OUT1
P9OUT0
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
C-MOS output
1:
Open drain output
Port P9 built-in pull-up resistor control
P9PU
(0x0F30)
76543
210
Bit Symbol
-
-
-
P9PU4
P9PU3
P9PU2
P9PU1
P9PU0
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
The built-in pull-up resistor is not connected.
1:
The built-in pull-up resistor is connected. (The resistor is connected
only when the port is used in the input mode or as the open drain out-
put. Under any other conditions, setting to "1" does not make the resis-
tor connected.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com