Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 131 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 131 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 127Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 128Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 129Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 130Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 131Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 132Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 133Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 134Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 135Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 410 page
background image
Page 117
TMP89FS60
RA005
Note 1: * : Don’t care
Note 2: i = 0 to 4
Port P9 input data
P9PRD
(0x0016)
76543
210
Bit Symbol
-
-
-
P9PRD4
P9PRD3
P9PRD2
P9PRD1
P9PRD0
Read/Write
RRRRRRRR
After reset
0
0
0
*****
Function
If the port is used in the input mode or as the sink open drain output,
the contents of the port are read. If not, "0" is read.
Table 8-19 P9PRD Read Value
Set condition
P9PRDi read value
P9CRi
P9OUTCRi
0
*
Contents of port
10
"0"
1
1
Contents of port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com