Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 129 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 129 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 125Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 126Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 127Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 128Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 129Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 130Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 131Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 132Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 133Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 410 page
background image
Page 115
TMP89FS60
RA005
8.3.8
Port P9 (P94 to P90)
Port P9 is a 5-bit input/output port that can be set to input or output for each bit individually, and it is also
used as the serial interface and the UART.
The output circuit has the P-channel output control function and either the sink open drain output or the C-
MOS output can be selected. Port P9 contains a programmable pull-up resistor on the VDD side. This pull-up
resistor can be used when the port is used in the input mode or as a sink open drain output.
When this port is used as the serial interface or the UART, setting for the serial interface selecting function is
also needed. For details, refer to "8.4 Serial Interface Selecting Function".
Figure 8-10 Port P9
Table 8-18 Port P9
P94
P93
P92
P91
P90
Secondary
function
-
-
-
RXD2
-
TXD2
-
SCLK1
SI1
RXD1
SO1
TXD1
0
1
S
Output latch
(for each bit)
P9DR write
P9i
R
RIN3
Note1 : R = 100
Ω (typ.)
Note2 : RIN3 = 50k
Ω (typ.)
Note3 : i = 0 to 4
SCLK1, SO1, TXD1, TXD2
SCLK1, SI1, RXD1, RXD2
P9PRD read
Function control
(for each bit)
Input/output control
(for each bit)
P9FC write
P9CR write
Output control
(for each bit)
P9OUTCR write
Programmable
pull-up resistor
VDD
VDD
Pull-up control
(for each bit)
P9PU write
SIO1
UART1
UART2
Peripheral
functions
SYSCR1<STOP>
SYSCR1<OUTEN>
Reset signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com