Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 134 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 134 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 130Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 131Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 132Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 133Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 134Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 135Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 136Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 137Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 138Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 410 page
background image
Page 120
8. I/O Ports
8.4 Serial Interface Selecting Function
TMP89FS60
RA005
8.4
Serial Interface Selecting Function
On the TMP89FS60, the built-in serial interface (SIO, UART and I2C) communication pins and interrupt source
assignment can be changed. Two out of three functions, SIO0, UART0 and I2C0, can be used at the same time by
using this selecting function. One of two functions, SIO1 and UART1, can be used.
The input pins of the 16-bit timer counter A0 input (TCA0 input) can be changed by using this selecting function.
Figure 8-12 Serial Interface Selecting Function
Note 1: The operation for changing SERSEL must be executed while the applicable serial interface and timer counter operations
are stopped. If SERSEL is switched during operation of these peripheral functions, each peripheral function may receive
(transmit) unexpected data and operate improperly.
Serial interface selection control register
SERSEL
(0x0FCB)
76543
210
Bit Symbol
TCA0SEL
SRSEL1
SRSEL0
Read/Write
R/W
R/W
R
R
R/W
R/W
R/W
R/W
After reset
00000
000
TCA0SEL
16-bit timer counter A0 input switch-
ing
00:
01:
10:
11:
P72 input (TCA0)
P21 input (also used as RXD0)
P91 input (also used as RXD1)
P94 input (also used as RXD2)
SRSEL1
Serial interface selection 1
00:
01:
10:
11:
Select UART1
Select UART1
Select SIO1
Reserved
SRSEL0
Serial interface selection 0
00:
01:
10:
11:
Select UART0, I2C0
Select UART0, SIO0
Select SIO0, I2C0
Reserved
UART1
SIO1
P90 (TXD1 / SO1)
P91 (RXD1 / SI1)
P92 (SCLK1)
SERSEL<SRSEL1>
0*
10
Selector
S
UART0
SIO0
I2C0
TCA0
P20 (TXD0 / SO0)
P21 (RXD0 / SI0)
P22 (SCLK0)
SERSEL<SRSEL0>
SERSEL<TCA0SEL>
0*
10
Selector
S
P23 (SDA0 / SO0)
P24 (SCL0 / SI0)
P25 (SCLK0)
P72 (TCA0)
P94 (RXD2)
P21 (RXD0)
P91 (RXD1)
01
*0
Selector
S
00
01
10
11
Selector
S
Port
Port
Port
Port
Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com