Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 120 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 120 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 116Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 117Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 118Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 119Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 120Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 121Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 122Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 123Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 124Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 410 page
background image
Page 106
8. I/O Ports
8.3 I/O Port Registers
TMP89FS60
RA005
8.3.4
Port P4 (P47 to P40)
Port P4 is an 8-bit input/output port that can be set to input or output for each bit individually, and it is also
used as the analog input and the key-on wakeup input.
Port P4 contains a programmable pull-up resistor on the VDD side. This pull-up resistor can be used when
the port is used in the input mode.
Figure 8-6 Port P4
Table 8-10 Port P4
P47P46
P45P44
P43
P42
P41P40
Secondary
function
AIN7
KWI7
AIN6
KWI6
AIN5
KWI5
AIN4
KWI4
AIN3
KWI3
AIN2
KWI2
AIN1
KWI1
AIN0
KWI0
Output latch
(for each bit)
P4DR write
P4i
R
RIN3
Note1 : R = 100
Ω (typ.)
Note2 : RIN3 = 50k
Ω (typ.)
Note3 : i = 0 to 7
KWIi
Key-on
wakeup
AD
Peripheral
functions
P4PRD read
AINi enable signal
KWIi enable signal
ADCCR1<AINEN>
Function control
(for each bit)
Input/output control
(for each bit)
P4FC write
P4CR write
Programmable
pull-up resistor
VDD
VDD
Pull-up control
(for each bit)
P4PU write
Reset signal
AINi
SYSCR1<STOP>
SYSCR1<OUTEN>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com