Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 177 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 177 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 173Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 174Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 175Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 176Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 177Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 178Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 179Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 180Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 181Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 410 page
background image
Page 163
TMP89FS60
RA001
13.5 Noise Canceller
The digital noise canceller can be used in the operation modes that use the TCA0 pin.
13.5.1 Setting
When the digital noise canceller is used, the input level is sampled at the sampling intervals set at
TA0CR<TA0NC>. When the same level is detected three times consecutively, the level of the input to the
timer is changed.
Setting TA0CR<TA0NC> to any values than "00" allows the noise canceller to start operation, regardless of
the TA0CR<TA0S> value.
When the noise canceller is used, allow the timer to start after a period of time that is equal to four times the
sampling interval after TA0CR<TA0NC> is set has elapsed. This stabilizes the input signal.
Set TA0CR<TA0NC> while the timer is stopped (TA0CR<TA0S> = "0"). When TA0CR<TA0S> is "1",
writing is ignored.
In the SLOW 1/2 or SLEEP 1 mode, setting TA0CR<TA0NC> to "11" selects fs/2 as the source clock for the
operation. Setting TA0CR<TA0NC> to "00" disables the noise canceller. Setting TA0CR<TA0NC> to "01" or
"10" disables the TCA0 pin input.
Table 13-4 Noise Cancel Time ( fcgck = 8 [MHz] )
TA0NC
Sampling interval
Time removed as noise
Time regarded as signal
00
None
-
-
01
250 ns (2/fcgck)
750 ns or less
1
µs or more
10
500 ns (4/fcgck)
1.5
µs or less
2
µs or more
11
32
µs (256/fcgck)
96
µs or less
128
µs or more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com