Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 175 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 175 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 171Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 172Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 173Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 174Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 175Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 176Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 177Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 178Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 179Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 410 page
background image
Page 161
TMP89FS60
RA001
13.4.6.3 Register buffer configuration
(1)
Temporary buffer
The TMP89FS60 contains an 8-bit temporary buffer. When a write instruction is executed on
TA0DRAL (TA0DRBL), the data is first stored into this temporary buffer, whether the double buffer
is enabled or disabled. Subsequently, when a write instruction is executed on TA0DRAH
(TA0DRBH), the set value is stored into the double buffer or TA0DRAH (TA0DRBH). At the same
time, the set value in the temporary buffer is stored into the double buffer or TA0DRAL
(TA0DRBL). (This structure is designed to enable the set values of the lower-level register and the
higher-level register simultaneously.) Therefore, when setting data to TA0DRA (TA0DRB), be sure
to write the data into TA0DRAL and TA0DRAH (TA0DRBL and TA0DRBH) in this order.
See Figure 13-1 for the temporary buffer configuration.
(2)
Double buffer
In the TMP89FS60, the double buffer can be used by setting TA0CR<TA0DBF>. Setting
TA0CR<TA0DBF> to "0" disables the double buffer. Setting TA0CR<TA0DBF> to "1" enables the
double buffer.
See Figure 13-1 for the double buffer configuration.
- When the double buffer is enabled
When a write instruction is executed on TA0DRAH (TA0DRBH) during the timer opera-
tion, the set value is first stored into the double buffer, and TA0DRAH/L are not updated
immediately. TA0DRAH/L (TA0DRBH/L) compare the last set values to the counter value.
If a match is detected, an INTTCA0 interrupt request is generated and the double buffer set
value is stored into TA0DRAH/L (TA0DRBH/L). Subsequently, the match detection is exe-
cuted using a new set value.
When a read instruction is executed on TA0DRAH/L (TA0DRBH/L), the double buffer
value (the last set value) is read, not the TA0DRAH/L (TA0DRBH/L) values (the current
effective values).
When a write instruction is executed on TA0DRAH/L (TA0DRBH/L) while the timer is
stopped, the set value is immediately stored into both the double buffer and TA0DRAH/L
(TA0DRBH/L).
- When the double buffer is disabled
When a write instruction is executed on TA0DRAH (TA0DRBH) during the timer opera-
tion, the set value is immediately stored in TA0DRAH/L (TA0DRBH/L). Subsequently, the
match detection is executed using a new set value.
If the values set to TA0DRAH/L (TA0DRBH/L) are smaller than the up counter value, the
up counter overflows and the match detection is executed using a new set value. As a result,
the output pulse width may be longer than the set time. If that is a problem, enable the double
buffer.
When a write instruction is executed on TA0DRAH/L (TA0DRBH/L) while the timer is
stopped, the set value is immediately stored into TA0DRAH/L (TA0DRBH/L).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com